Electronic Components Datasheet Search
  English  ▼

X  

IXTH500N04T2 Datasheet(PDF) 4 Page - IXYS Corporation

Part # IXTH500N04T2
Description  N-Channel Enhancement Mode Avalanche Rated Fast Intrinsic Diode
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXTH500N04T2 Datasheet(HTML) 4 Page - IXYS Corporation

  IXTH500N04T2 Datasheet HTML 1Page - IXYS Corporation IXTH500N04T2 Datasheet HTML 2Page - IXYS Corporation IXTH500N04T2 Datasheet HTML 3Page - IXYS Corporation IXTH500N04T2 Datasheet HTML 4Page - IXYS Corporation IXTH500N04T2 Datasheet HTML 5Page - IXYS Corporation IXTH500N04T2 Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
IXYS Reserves the Right to Change Limits, Test Conditions, and Dimensions.
IXTH500N04T2
IXTT500N04T2
Fig. 7. Input Admittance
0
50
100
150
200
250
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
VGS - Volts
TJ = 150ºC
25ºC
- 40ºC
Fig. 8. Transconductance
0
40
80
120
160
200
240
0
20
40
60
80
100
120
140
160
180
200
220
240
260
ID - Amperes
TJ = - 40ºC
150ºC
25ºC
Fig. 9. Forward Voltage Drop of
Intrinsic Diode
0
50
100
150
200
250
300
350
0.30.4
0.50.6
0.70.8
0.91.0
1.1
VSD - Volts
TJ = 150ºC
TJ = 25ºC
Fig. 10. Gate Charge
0
1
2
3
4
5
6
7
8
9
10
0
50
100
150
200
250
300
350
400
QG - NanoCoulombs
VDS = 20V
I D = 250A
I G = 10mA
Fig. 11. Capacitance
100
1,000
10,000
100,000
0
5
10
15
20
25
30
35
40
VDS - Volts
f = 1 MHz
Ciss
Crss
Coss
Fig. 12. Forward-Bias Safe Operating Area
1
10
100
1,000
10,000
0.1
1
10
100
VDS - Volts
25µs
100µs
1ms
10ms
DC
RDS(on) Limit
TJ = 175ºC
TC = 25ºC
Single Pulse
External Lead Limit
100ms



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com