Electronic Components Datasheet Search
  English  ▼

X  

IXTX32P60P Datasheet(PDF) 4 Page - IXYS Corporation

Part # IXTX32P60P
Description  P-Channel Enhancement Mode Avalanche Rated
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXTX32P60P Datasheet(HTML) 4 Page - IXYS Corporation

  IXTX32P60P Datasheet HTML 1Page - IXYS Corporation IXTX32P60P Datasheet HTML 2Page - IXYS Corporation IXTX32P60P Datasheet HTML 3Page - IXYS Corporation IXTX32P60P Datasheet HTML 4Page - IXYS Corporation IXTX32P60P Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
IXTK32P60P
IXTX32P60P
IXYS reserves the right to change limits, test conditions, and dimensions.
Fig. 7. Input Admittance
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
-6.0
-5.5
-5.0
-4.5
-4.0
-3.5
-3.0
VGS - Volts
TJ = 125ºC
25ºC
- 40ºC
Fig. 8. Transconductance
0
5
10
15
20
25
30
35
40
45
50
55
60
-50
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
ID - Amperes
TJ = - 40ºC
125ºC
25ºC
Fig. 9. Forward Voltage Drop of
Intrinsic Diode
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
-3.6
-3.2
-2.8
-2.4
-2.0
-1.6
-1.2
-0.8
VSD - Volts
TJ = 125ºC
TJ = 25ºC
Fig. 10. Gate Charge
-10
-9
-8
-7
-6
-5
-4
-3
-2
-1
0
0
20
40
60
80
100
120
140
160
180
200
QG - NanoCoulombs
VDS = - 300V
I D = -16A
I G = -1mA
Fig. 11. Capacitance
10
100
1,000
10,000
100,000
-40
-35
-30
-25
-20
-15
-10
-5
0
VDS - Volts
f = 1 MHz
Ciss
Crss
Coss
Fig. 12. Forward-Bias Safe Operating Area
0.1
1.0
10.0
100.0
10
100
1000
VDS - Volts
TJ = 150ºC
TC = 25ºC
Single Pulse
25µs
100µs
RDS(on) Limit
-
-
--
DC, 100ms
-
-
1ms
10ms
-



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com