Electronic Components Datasheet Search
  English  ▼

X  

60141 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # 60141
Description  60132 Circuit Breaker
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

60141 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  60141 Datasheet HTML 1Page - List of Unclassifed Manufacturers 60141 Datasheet HTML 2Page - List of Unclassifed Manufacturers 60141 Datasheet HTML 3Page - List of Unclassifed Manufacturers 60141 Datasheet HTML 4Page - List of Unclassifed Manufacturers 60141 Datasheet HTML 5Page - List of Unclassifed Manufacturers 60141 Datasheet HTML 6Page - List of Unclassifed Manufacturers 60141 Datasheet HTML 7Page - List of Unclassifed Manufacturers 60141 Datasheet HTML 8Page - List of Unclassifed Manufacturers 60141 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Multi 9
System Catalog
Section 2—UL and CSA Rated Protection Devices
15
03/2008
© 2002–2008 Schneider Electric All Rights Reserved
UL 489 Listed 240 Vac C60 Circuit Breakers (AC)
A selected range of Multi-9 circuit breakers rated 240 V are UL 489 Listed. Unlike UL 1077
Supplementary Protectors, these UL 489 circuit breakers can be used for branch circuit protection as
required by the National Electrical Code.
As shown in tables Table 5 and Table 6, the UL 489 Listed products are available in C and D curves.
They include devices ranging from 0.5 to 35 A.
Standard Features
•
Fast closing: Allows increased withstand to the high inrush currents of some loads.
•
Trip-free mechanism: Contacts cannot be held in the I-ON position when the C60 circuit breaker is
tripped automatically.
•
Positive indication of contact disconnect. Green mechanical indication on front face of circuit
breaker shows that all poles are open.
•
C curve: Overcurrent protection for all application types. Magnetic release operates from 7 to 10
times ampere rating (7 to 14 for DC applications).
UL 489 Listed Multi 9 C60 Circuit Breakers
Table 4:
Specifications for UL 489 240 V Listed C60N Circuit Breakers
High Voltage Withstand
6 kV
Connector: Box Lug
Rating
UL 486A File No. E216919 (Use with Copper Wire Only)
Connection
0.5–25 A: 14–4 AWG (2–25 mm2) Cables
Torque to 22 lb-in. (2.48 N•m)
30–35 A: 14–2 AWG (1–35 mm2) Cables
Torque to 31 lb-in. (3.52 N•m)
Connector: Ring Tongue
Use Single UL Listed or CSA Certified
Insulated Ring Tongue Only
Screw dia. 0.2 in. (5 mm)
Torque to 18 lb-in. (2.03 N•m)
Max Ring Terminal Width
0.54 in. (14 mm)
Mounting
35 mm DIN rail
Degree of Protection
Case
IP40 as per IEC 529
Terminals
IP20
Temperatures
Calibration
Storage
Operating
25°C (77°F)
-40 to 80°C (-40 to 176°F)
-30 to 70°C (-22 to 158°F)
Plug-On Auxiliary Modules with
Mechanical Linkage:
MN Undervoltage Trip
MX + OF Shunt Trip/Auxiliary Switch
OF Auxiliary Switch
SD Alarm Switch
Tropicalization
Treatment 2
Relative Humidity: 95% at 131°F (55°C)
Number of Operating Cycles
Electrical (O-C)
6,000 load, 4,000 no-load
See specifications Table 2 for dimensions, weights and interrupting ratings
1P
2P
3P



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com