Electronic Components Datasheet Search
  English  ▼

X  

IXTR32P60P Datasheet(PDF) 1 Page - IXYS Corporation

Part # IXTR32P60P
Description  P-Channel Enhancement Mode Avalanche Rated
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXTR32P60P Datasheet(HTML) 1 Page - IXYS Corporation

  IXTR32P60P Datasheet HTML 1Page - IXYS Corporation IXTR32P60P Datasheet HTML 2Page - IXYS Corporation IXTR32P60P Datasheet HTML 3Page - IXYS Corporation IXTR32P60P Datasheet HTML 4Page - IXYS Corporation IXTR32P60P Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
© 2008 IXYS CORPORATION, All rights reserved
Symbol
Test Conditions
Maximum Ratings
V
DSS
T
J
= 25
°C to 150°C
- 600
V
V
DGR
T
J
= 25
°C to 150°C, R
GS = 1MΩ
- 600
V
V
GSS
Continuous
±20
V
V
GSM
Transient
±30
V
I
D25
T
C = 25°C
-18
A
I
DM
T
C = 25°C, pulse width limited by TJM
- 90
A
I
AR
T
C = 25°C
- 32
A
E
AS
T
C = 25°C
3.5
J
dV/dt
I
S
≤ I
DM, VDD ≤ VDSS, TJ ≤ 150°C
10
V/ns
P
D
T
C = 25°C
310
W
T
J
-55 ... +150
°C
T
JM
150
°C
T
stg
-55 ... +150
°C
T
L
1.6mm (0.062 in.) from case for 10s
300
°C
T
SOLD
Plastic body for 10s
260
°C
V
ISOL
50/60 Hz, RMS
t = 1min
2500
V~
I
ISOL ≤ 1mA
t = 1s
3000
V~
M
d
Mounting force
20..120/4.5..27
N/lb.
Weight
5
g
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C, unless otherwise specified)
Min.
Typ.
Max.
BV
DSS
V
GS = 0V, ID = - 250μA
- 500
V
V
GS(th)
V
DS = VGS, ID = - 250μA
- 2.5
- 4.5
V
I
GSS
V
GS = ±20V, VDS = 0V
±100 nA
I
DSS
V
DS = VDSS
- 50
μA
V
GS = 0V
T
J = 125°C
- 250
μA
R
DS(on)
V
GS = -10V, ID = -16A, Note 1
385 m
Ω
PolarPTM
Power MOSFET
P-Channel Enhancement Mode
Avalanche Rated
IXTR32P60P
V
DSS
= - 600V
I
D25
= - 18A
R
DS(on) ≤
≤≤≤≤
385m
Ω
Ω
Ω
Ω
Ω
G = Gate
D = Drain
S = Source
Isolated Tab
ISOPLUS247 (IXTR)
E153432
DS99992(05/08)
Features
Silicon chip on Direct-Copper Bond
(DCB) substrate
- UL recognized package
- Isolated mounting surface
- 2500V electrical isolation
Avalanche rated
The rugged PolarPTM process
Low Q
G
Low Drain-to-Tab capacitance
Low package inductance
- easy to drive and to protect
Applications
High side switching
Push-pull amplifiers
DC Choppers
Automatic test equipment
Load-Switch Application
Fuel Injection Systems
Preliminary Technical Information


Similar Part No. - IXTR32P60P

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXTR30N25 IXYS-IXTR30N25 Datasheet
80Kb / 2P
N-Channel Enhancement Mode
IXTR36P15P IXYS-IXTR36P15P Datasheet
128Kb / 2P
P-Channel Enhancement Mode
More results

Similar Description - IXTR32P60P

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXTH26P20P IXYS-IXTH26P20P Datasheet
190Kb / 6P
P-Channel Enhancement Mode Avalanche Rated
IXTA76P10T IXYS-IXTA76P10T Datasheet
222Kb / 2P
P-Channel Enhancement Mode Avalanche Rated
IXTR48P20P IXYS-IXTR48P20P Datasheet
131Kb / 5P
P-Channel Enhancement Mode Avalanche Rated
IXTP36P15P IXYS-IXTP36P15P Datasheet
180Kb / 6P
P-Channel Enhancement Mode Avalanche Rated
IXTQ52P10P IXYS-IXTQ52P10P Datasheet
187Kb / 6P
P-Channel Enhancement Mode Avalanche Rated
IXTQ14N60P IXYS-IXTQ14N60P Datasheet
166Kb / 5P
P-Channel Enhancement Mode Avalanche Rated
IXTT20P50P IXYS-IXTT20P50P Datasheet
134Kb / 5P
P-Channel Enhancement Mode Avalanche Rated
IXTH48P20P IXYS-IXTH48P20P Datasheet
138Kb / 5P
P-Channel Enhancement Mode Avalanche Rated
IXTT76P10THV IXYS-IXTT76P10THV Datasheet
331Kb / 7P
P-Channel Enhancement Mode Avalanche Rated
IXTN90P20P IXYS-IXTN90P20P Datasheet
126Kb / 5P
P-Channel Enhancement Mode Avalanche Rated
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com