Electronic Components Datasheet Search
  English  ▼

X  

UB2017 Datasheet(PDF) 2 Page - Unisonic Technologies

Part # UB2017
Description  ONE-CELL STANDALONE LINEAR LITHIUM BATTERY CHARGER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UB2017 Datasheet(HTML) 2 Page - Unisonic Technologies

  UB2017 Datasheet HTML 1Page - Unisonic Technologies UB2017 Datasheet HTML 2Page - Unisonic Technologies UB2017 Datasheet HTML 3Page - Unisonic Technologies UB2017 Datasheet HTML 4Page - Unisonic Technologies UB2017 Datasheet HTML 5Page - Unisonic Technologies UB2017 Datasheet HTML 6Page - Unisonic Technologies UB2017 Datasheet HTML 7Page - Unisonic Technologies UB2017 Datasheet HTML 8Page - Unisonic Technologies UB2017 Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
UB2017
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
2 of 13
www.unisonic.com.tw
QW-R502-868.a
MARKING INFORMATION
PACKAGE
VOLTAGE CODE (Note)
MARKING
SOT-25
AA: 4.2V
PIN CONFIGURATION
PIN DESCRIPTION
PIN NO.
PIN NAME
DESCRIPTION
1
CHRG
Open-Drain Charge Status Output. When the battery is charging, the CHRG pin is
pulled low by an internal N-channel MOSFET. When the charge cycle is completed, a
weak pull-down of approximately 20uA is connected to the CHRG pin, indicating an “AC
present” condition.
2
GND
Ground.
3
BAT
Charge Current Output. Provides charge current to the battery and regulates the final
float voltage to 4.2V.
4
VCC
Positive Input Supply Voltage. Provides power to the charger. VCC can range from
4.25V to 6.5V and should be bypassed with at least a 1μF capacitor.
5
CHRGT
Open-Drain Charge Termination Status Output. When the battery is charging, the
CHRGT pin is pulled high by an external component such as an LED. After the charging
is completed, this pin is pulled low by internal N-channel MOSFET and it can be used
as a charging termination indicator.
6
PROG
Charge Current Program, Charge Current Monitor and Shutdown Pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com