Electronic Components Datasheet Search
  English  ▼

X  

122111 Datasheet(PDF) 19 Page - List of Unclassifed Manufacturers

Part # 122111
Description  TNC COAXIAL CONNECTORS
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

122111 Datasheet(HTML) 19 Page - List of Unclassifed Manufacturers

Back Button 122111 Datasheet HTML 15Page - List of Unclassifed Manufacturers 122111 Datasheet HTML 16Page - List of Unclassifed Manufacturers 122111 Datasheet HTML 17Page - List of Unclassifed Manufacturers 122111 Datasheet HTML 18Page - List of Unclassifed Manufacturers 122111 Datasheet HTML 19Page - List of Unclassifed Manufacturers 122111 Datasheet HTML 20Page - List of Unclassifed Manufacturers 122111 Datasheet HTML 21Page - List of Unclassifed Manufacturers 122111 Datasheet HTML 22Page - List of Unclassifed Manufacturers 122111 Datasheet HTML 23Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
122342 N/A Nickel
Delrin
50
N/A
122343 N/A Nickel
Delrin
75
N/A
Remark: 7.0 mm Max. panel thickness
Cable
Crimp
P.N.
Group
Finish
Insulation Impedance Tool
JACK-TO-JACK BULKHEAD ADAPTER
122340 N/A Nickel
Delrin
50
N/A
122341 N/A Nickel
Delrin
75
N/A
Remark: 8.0 mm Max. panel thickness
Cable
Crimp
P.N.
Group
Finish
Insulation Impedance Tool
JACK-TO-JACK BULKHEAD ADAPTER
122344 N/A Nickel
Delrin
50
N/A
122345 N/A Nickel
Delrin
75
N/A
Remark: Without gasket, 5.5 mm Max. panel thickness
Cable
Crimp
P.N.
Group
Finish
Insulation Impedance Tool
JACK-TO-JACK BULKHEAD ADAPTER
113
BULKHEAD FEEDTHROUGH ADAPTERS
For Reverse Polarized connecters, add RP to standard part number. Contact Connex marketing for availability.
For Reverse Threaded connecters, add RT to standard part number. Contact Connex marketing for availability.
For Crimp Tool information, see page 183.
For Cable Group Legend, see page 97
TNC.4
11/27/01
4:55 PM
Page 113



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com