Electronic Components Datasheet Search
  English  ▼

X  

ADNS-7050 Datasheet(PDF) 21 Page - AVAGO TECHNOLOGIES LIMITED

Part # ADNS-7050
Description  Laser Mouse Sensor
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ADNS-7050 Datasheet(HTML) 21 Page - AVAGO TECHNOLOGIES LIMITED

Back Button ADNS-7050 Datasheet HTML 17Page - AVAGO TECHNOLOGIES LIMITED ADNS-7050 Datasheet HTML 18Page - AVAGO TECHNOLOGIES LIMITED ADNS-7050 Datasheet HTML 19Page - AVAGO TECHNOLOGIES LIMITED ADNS-7050 Datasheet HTML 20Page - AVAGO TECHNOLOGIES LIMITED ADNS-7050 Datasheet HTML 21Page - AVAGO TECHNOLOGIES LIMITED ADNS-7050 Datasheet HTML 22Page - AVAGO TECHNOLOGIES LIMITED ADNS-7050 Datasheet HTML 23Page - AVAGO TECHNOLOGIES LIMITED ADNS-7050 Datasheet HTML 24Page - AVAGO TECHNOLOGIES LIMITED ADNS-7050 Datasheet HTML 25Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 34 page
background image
21
Motion
Address: 0x02
Access: Read/Write
Reset Value: 0x00
Field Name
Description
MOT
Motion since last report
0 = No motion
1 = Motion occurred, data ready for reading in Delta_X and Delta_Y registers
PIXRDY
Pixel Dump data byte is available in Pixel_Dump register.
0 = Data not available
1 = Data available
PIXFIRST
This bit is set when the Pixel_Grab register is written to or when a complete pixel array has been read, initiating an
increment to pixel 0,0.
0 = Pixel_Grab data not from pixel 0,0
1 = Pixel_Grab data is from pixel 0,0
OVF
Motion overflow, ∆Y and/or ∆X buffer has overflowed since last report.
0 = No overflow
1 = Overflow has occurred
LP_VALID
Laser Power Settings
0 = Register 0x1a and register 0x1f or register 0x1c and register 0x1d do not have complementary values.
1 = Laser power is valid
FAULT
Indicates that XY_LASER is shorted to GND or VDD
0 = No fault detected
1 = Fault detected.
Data Type: Bit field
USAGE: Register 0x02 allows the user to determine if motion has occurred since the last time it was read. If the MOT
bit is set, then the user should read registers 0x03 and 0x04 to get the accumulated motion. Read this register before
reading the Delta_X and Delta_Y registers.
Writing anything to this register clears the MOT and OVF bits, Delta_X and Delta_Y registers. The written data byte is
not saved.
Internal buffers can accumulate more than eight bits of motion for X or Y. If either one of the internal buffers over-
flows, then absolute path data is lost and the OVF bit is set. To clear the overflow, write anything to this register.
Check the OVR bit if more than 4” of motion is accumulated without reading it. If bit set, discard the motion as errone-
ous. Write anything to this register to clear the overflow condition.
The PIXRDY bit will be set whenever a valid pixel data byte is available in the Pixel_Dump register. Check that this
bit is set before reading from Pixel_Dump. To ensure that the Pixel_Grab pointer has been reset to pixel 0,0 on the
initial write to Pixel_Grab, check to see if PIXFIRST is set to high.
Bit
7
6
5
4
3
2
1
0
Field
MOT
PIXRDY
PIXFIRST
OVF
LP_VALID FAULT
Reserved
Re-
served
NOTE: Avago Technologies recommends that registers 0x02, 0x03, and 0x04 be read sequentially.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com