Electronic Components Datasheet Search
  English  ▼

X  

MAC250 Datasheet(PDF) 2 Page - Digitron Semiconductors

Part # MAC250
Description  SILICON BIDIRECTIONAL THYRISTORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIGITRON [Digitron Semiconductors]
Direct Link  http://www.digitroncorp.com
Logo DIGITRON - Digitron Semiconductors

MAC250 Datasheet(HTML) 2 Page - Digitron Semiconductors

  MAC250 Datasheet HTML 1Page - Digitron Semiconductors MAC250 Datasheet HTML 2Page - Digitron Semiconductors MAC250 Datasheet HTML 3Page - Digitron Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
DIGITRON SEMICONDUCTORS
144 Market Street
Kenilworth NJ 07033 USA
phone +1.908.245-7200
MAC250 SERIES, MAC250()3 SERIES
SILICON BIDIRECTIONAL THYRISTORS
Characteristic
Symbol
Min
Typ.
Max
Unit
Gate trigger voltage (continuous dc)
(VD = 12V)
MT2(+),G(+); MT2(-),G(-); RL = 100Ω
MT2(+),G(-), RL = 50Ω
VGT
-
-
-
-
2.5
2.5
Volts
Gate trigger voltage (continuous dc)
(VD = 12V, TC = -40°C)
MT2(+),G(+); MT2(-),G(-); RL = 50Ω
MT2(+),G(-), RL = 25Ω
VGT
-
-
-
-
3.5
3.5
Volts
DC gate non-trigger voltage
(VD = Rated VDRM, RL = 1kΩ, TC = 115°C)
All trigger modes
VGD
0.20
-
-
Volts
Holding current
(VD = 24V, peak initiating current = 0.5A, pulse width = 0.1 to 10ms, gate trigger)
(Source = 7V, 20Ω)
TC = 25°C
TC = -40°C
IH
-
-
-
-
50
100
mA
Latching current
(VD = 24V, gate trigger source = 15V, 100Ω, pulse width = 50µs, 5µs maximum rise and
fall times)
MT2(+),G(+); MT2(-),G(-); MT2(+),G(-), TC = 25°C
MT2(+),G(+); MT2(-),G(-); MT2(+),G(-), TC = -40°C
IL
-
-
-
-
100
200
mA
MECHANICAL CHARACTERISTIC
Case
TO-48 (MAC250 Series)
Marking
Alpha-numeric
Polarity
Cathode is stud
TO-48
Inches
Millimeters
Min
Max
Min
Max
A
0.604
0.614
15.340
15.600
B
0.551
0.559
14.000
14.200
C
1.050
1.190
2.670
30.230
F
0.135
0.160
3.430
4.060
H
-
0.265
-
6.730
J
0.420
0.455
10.670
11.560
K
0.620
0.670
15.750
17.020
L
0.300
0.350
7.620
8.890
Q
0.055
0.085
1.400
2.160
T
0.501
0.505
12.730
12.830
sales@digitroncorp.com
fax +1.908.245-0555
www.digitroncorp.com
Rev. 20130201



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com