Electronic Components Datasheet Search
  English  ▼

X  

SC251D Datasheet(PDF) 1 Page - Digitron Semiconductors

Part # SC251D
Description  SILICON BIDIRECTIONAL THYRISTORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIGITRON [Digitron Semiconductors]
Direct Link  http://www.digitroncorp.com
Logo DIGITRON - Digitron Semiconductors

SC251D Datasheet(HTML) 1 Page - Digitron Semiconductors

  SC251D Datasheet HTML 1Page - Digitron Semiconductors SC251D Datasheet HTML 2Page - Digitron Semiconductors SC251D Datasheet HTML 3Page - Digitron Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
DIGITRON SEMICONDUCTORS
144 Market Street
Kenilworth NJ 07033 USA
phone +1.908.245-7200
MAC250 SERIES, MAC250()3 SERIES
SILICON BIDIRECTIONAL THYRISTORS
Available Non-RoHS (standard) or RoHS compliant (add PBF suffix).
Available as “HR” (high reliability) screened per MIL-PRF-19500, JANTX level. Add “HR” suffix to base part number.
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Peak repetitive off-state voltage
SC251B, MAC250B, MAC250B3
SC251D, MAC250D, MAC250D3
SC251M, MAC250M, MAC250M3
SC251N, MAC250N
VDRM
200
400
600
800
Volts
RMS on-state current
IT(RMS)
15
Amps
Peak non-repetitive surge current
(1 cycle, 60Hz)
ITSM
100
Amps
Circuit fusing considerations
(t = 1ms)
(t = 8.3ms)
I2t
20
41.5
A2s
Peak gate power
PGM
10
Watts
Average gate power
PG(AV)
0.5
Watts
Peak gate power (pulse width = 10µs)
IGM
2
Amps
Operating junction temperature range
TJ
-40 to +115
°C
Storage temperature range
Tstg
-40 to +125
°C
Mounting torque
30
In. lb.
THERMAL CHARACTERISTICS
Characteristic
Symbol
Maximum
Unit
Thermal resistance, junction to case
MAC250, SC251
MAC250()3
R
ӨJC
2.0
2.3
°C/W
ELECTRICAL CHARACTERISTICS (TC = 25° unless otherwise noted)
Characteristic
Symbol
Min
Typ.
Max
Unit
Peak blocking current
(VD = Rated VDRM, TC = 25°C)
(VD = Rated VDRM, TC = 115°C)
IDRM
-
-
-
-
10
0.5
µA
mA
Peak on-state voltage
(ITM = 21A peak, pulse width = 1ms, duty cycle ≤ 2%)
VTM
-
-
1.65
Volts
Critical rate of rise of off-state voltage
(Rated VDRM, exponential waveform, gate open, TC = 115°C)
dv/dt
100
-
-
V/µs
Critical rate of rise of commutating off-state voltage
(IT(RMS) = rated RMS on-state current, VD = VDRM, commutating di/dt = 8A/ms, gate open)
TC = 84°C, MAC250, SC251
TC = 78°CMAC250()3
dv/dt(c)
4
4
-
-
-
-
V/µs
DC gate trigger current (continuous dc)
(VD = 12V)
MT2(+),G(+); MT2(-),G(-); RL = 100Ω
MT2(+),G(-), RL = 50Ω
IGT
-
-
-
-
50
50
mA
DC gate trigger current (continuous dc)
(VD = 12V, TC = -40°C)
MT2(+),G(+); MT2(-),G(-); RL = 50Ω
MT2(+),G(-), RL = 25Ω
IGT
-
-
-
-
80
80
mA
sales@digitroncorp.com
fax +1.908.245-0555
www.digitroncorp.com
Rev. 20130201


Similar Part No. - SC251D

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SC251D MOTOROLA-SC251D Datasheet
94Kb / 2P
TRIACS BIDIRECTIPNAL TRIODE THYRISTORS
logo
Digitron Semiconductors
SC251D DIGITRON-SC251D Datasheet
331Kb / 4P
BIDIRECTIONAL TRIODE THYRISTOR
More results

Similar Description - SC251D

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2N6344 ONSEMI-2N6344 Datasheet
87Kb / 8P
Silicon Bidirectional Thyristors
March, 2000 ??Rev. 1
T2500D ONSEMI-T2500D Datasheet
51Kb / 4P
Silicon Bidirectional Thyristors
April, 2006 ??Rev. 4
BTA30-600CW3G ONSEMI-BTA30-600CW3G Datasheet
109Kb / 6P
Silicon Bidirectional Thyristors
March, 2009 ??Rev. 0
logo
New Jersey Semi-Conduct...
2N6342A NJSEMI-2N6342A Datasheet
167Kb / 1P
SILICON BIDIRECTIONAL THYRISTORS
logo
Digitron Semiconductors
MAC223 DIGITRON-MAC223 Datasheet
173Kb / 3P
SILICON BIDIRECTIONAL THYRISTORS
MAC210 DIGITRON-MAC210 Datasheet
208Kb / 4P
SILICON BIDIRECTIONAL THYRISTORS
BTC05 DIGITRON-BTC05 Datasheet
427Kb / 4P
SILICON BIDIRECTIONAL THYRISTORS
logo
ON Semiconductor
MAC223A6 ONSEMI-MAC223A6 Datasheet
162Kb / 5P
Silicon Bidirectional Thyristors
August, 2006 ??Rev. 2
logo
Kersemi Electronic Co.,...
MAC4DSM KERSEMI-MAC4DSM Datasheet
466Kb / 8P
Silicon Bidirectional Thyristors
T2322 KERSEMI-T2322 Datasheet
401Kb / 4P
Silicon Bidirectional Thyristors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com