Electronic Components Datasheet Search
  English  ▼

X  

MAC210 Datasheet(PDF) 1 Page - Digitron Semiconductors

Part # MAC210
Description  SILICON BIDIRECTIONAL THYRISTORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIGITRON [Digitron Semiconductors]
Direct Link  http://www.digitroncorp.com
Logo DIGITRON - Digitron Semiconductors

MAC210 Datasheet(HTML) 1 Page - Digitron Semiconductors

  MAC210 Datasheet HTML 1Page - Digitron Semiconductors MAC210 Datasheet HTML 2Page - Digitron Semiconductors MAC210 Datasheet HTML 3Page - Digitron Semiconductors MAC210 Datasheet HTML 4Page - Digitron Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
DIGITRON SEMICONDUCTORS
144 Market Street
Kenilworth NJ 07033 USA
phone +1.908.245-7200
MAC210(A) SERIES
SILICON BIDIRECTIONAL THYRISTORS
Available Non-RoHS (standard) or RoHS compliant (add PBF suffix).
Available as “HR” (high reliability) screened per MIL-PRF-19500, JANTX level. Add “HR” suffix to base part number.
MAXIMUM RATINGS TC = 25°C unless otherwise noted
Rating
Symbol
Value
Unit
Peak repetitive off-state voltage(1)
(TJ = -40 to +125°C, ½ sine wave, 50 to 60Hz, gate open)
MAC210-4, MAC210A-4
MAC210-5, MAC120A-5
MAC210-6, MAC210A-6
MAC210-7, MAC210A-7
MAC210-8, MAC210A-8
MAC210-9, MAC210A-9
MAC210-10, MAC210A-10
VDRM
200
300
400
500
600
700
800
Volts
RMS on-state current (full sine wave, 50 to 60Hz, TC = 70°C)
IT(RMS)
10
Amps
Peak non-repetitive surge current
(1 cycle, 60 Hz, TC = 70°C, preceded and followed by rated current)
ITSM
100
Amps
Circuit fusing considerations (t = 8.3ms)
I2t
40
A2s
Peak gate power
(TC = 70°C, pulse width = 10µs)
PGM
20
Watts
Average gate power
(TC = 70°C, t = 8.3ms)
PG(AV)
0.35
Watts
Peak gate current
(TC = 70°C, pulse width = 10µs)
IGM
2.0
Amps
Operating junction and storage temperature range
TJ, Tstg
-40 to +125
°C
Note 1: VDRM for all types can be applied on a continuous basis. Blocking voltage shall not be tested with a constant current source such that the voltage ratings of the devices are exceeded.
THERMAL CHARACTERISTICS
Characteristic
Symbol
Maximum
Unit
Thermal resistance, junction to case
R
ӨJC
2.2
°C/W
ELECTRICAL CHARACTERISTICS (TC = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ.
Max
Unit
Peak blocking current
(Rated VDRM @ TJ = 25°C)
(Rated VDRM @ TJ = 125°C)
IDRM
-
-
-
-
10
2
µA
mA
Peak on-state voltage (either direction)
(ITM = 14A peak, pulse width = 1 to 2 ms, duty cycle ≤ 2%)
VTM
-
1.2
1.65
Volts
Gate trigger current (continuous dc)
(main terminal voltage = 12V, RL = 100Ω)
MT2(+),G(+)
MT2(+),G(-)
MT2(-),G(-)
MT2(-),G(+) “A” suffix only
IGT
-
-
-
-
12
12
20
35
50
50
50
75
mA
Gate trigger voltage (continuous dc)
(main terminal voltage = 12V, RL = 100Ω)
MT2(+),G(+)
MT2(+),G(-)
MT2(-),G(-)
MT2(-),G(+) “A” suffix only
(main terminal voltage= Rated VDRM, RL = 10kΩ, TJ = 125°C)
MT2(+), G(+); MT2(-), G(-); MT2(+), G(-)
MT2(-), G(+) “A” suffix only
VGT
-
-
-
-
0.2
0.2
0.9
0.9
1.1
1.4
-
-
2
2
2
2.5
-
-
Volts
sales@digitroncorp.com
fax +1.908.245-0555
www.digitroncorp.com
Rev. 20130131


Similar Part No. - MAC210

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MAC210-10 MOTOROLA-MAC210-10 Datasheet
66Kb / 4P
TRIACs 10 AMPERES RMS 200 thru 800 VOLTS
MAC210-10FP MOTOROLA-MAC210-10FP Datasheet
112Kb / 6P
ISOLATED TRIACs THYRISTORS 10 AMPERES RMS 200 thru 800 VOLTS
logo
New Jersey Semi-Conduct...
MAC210-10FR NJSEMI-MAC210-10FR Datasheet
133Kb / 2P
ISOLATED TRIACs THYRISTORS 10 AMPERES RMS 200 thru 800 VOLTS
logo
Motorola, Inc
MAC210-4 MOTOROLA-MAC210-4 Datasheet
66Kb / 4P
TRIACs 10 AMPERES RMS 200 thru 800 VOLTS
MAC210-4FP MOTOROLA-MAC210-4FP Datasheet
112Kb / 6P
ISOLATED TRIACs THYRISTORS 10 AMPERES RMS 200 thru 800 VOLTS
More results

Similar Description - MAC210

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2N6344 ONSEMI-2N6344 Datasheet
87Kb / 8P
Silicon Bidirectional Thyristors
March, 2000 ??Rev. 1
T2500D ONSEMI-T2500D Datasheet
51Kb / 4P
Silicon Bidirectional Thyristors
April, 2006 ??Rev. 4
BTA30-600CW3G ONSEMI-BTA30-600CW3G Datasheet
109Kb / 6P
Silicon Bidirectional Thyristors
March, 2009 ??Rev. 0
logo
New Jersey Semi-Conduct...
2N6342A NJSEMI-2N6342A Datasheet
167Kb / 1P
SILICON BIDIRECTIONAL THYRISTORS
logo
Digitron Semiconductors
MAC223 DIGITRON-MAC223 Datasheet
173Kb / 3P
SILICON BIDIRECTIONAL THYRISTORS
BTC05 DIGITRON-BTC05 Datasheet
427Kb / 4P
SILICON BIDIRECTIONAL THYRISTORS
logo
ON Semiconductor
MAC223A6 ONSEMI-MAC223A6 Datasheet
162Kb / 5P
Silicon Bidirectional Thyristors
August, 2006 ??Rev. 2
logo
Kersemi Electronic Co.,...
MAC4DSM KERSEMI-MAC4DSM Datasheet
466Kb / 8P
Silicon Bidirectional Thyristors
T2322 KERSEMI-T2322 Datasheet
401Kb / 4P
Silicon Bidirectional Thyristors
2N6344 KERSEMI-2N6344 Datasheet
402Kb / 6P
Silicon Bidirectional Thyristors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com