Electronic Components Datasheet Search
  English  ▼

X  

MAC93 Datasheet(PDF) 1 Page - Digitron Semiconductors

Part # MAC93
Description  SILICON BIDIRECTIONAL THYRISTORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIGITRON [Digitron Semiconductors]
Direct Link  http://www.digitroncorp.com
Logo DIGITRON - Digitron Semiconductors

MAC93 Datasheet(HTML) 1 Page - Digitron Semiconductors

  MAC93 Datasheet HTML 1Page - Digitron Semiconductors MAC93 Datasheet HTML 2Page - Digitron Semiconductors MAC93 Datasheet HTML 3Page - Digitron Semiconductors MAC93 Datasheet HTML 4Page - Digitron Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
DIGITRON SEMICONDUCTORS
144 Market Street
Kenilworth NJ 07033 USA
phone +1.908.245-7200
MAC93(A) SERIES
SILICON BIDIRECTIONAL THYRISTORS
Available Non-RoHS (standard) or RoHS compliant (add PBF suffix).
Available as “HR” (high reliability) screened per MIL-PRF-19500, JANTX level. Add “HR” suffix to base part number.
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Peak repetitive off-state voltage
(TJ = -40 to 125°C, ½ sine wave 50 to 60Hz, gate open)
MAC93(A)-1
MAC93(A)-2
MAC93(A)-3
MAC93(A)-4
VDRM
30
60
100
200
Volts
RMS on-state current (full cycle sine wave 50 to 60Hz, TC = 60°C)
IT(RMS)
0.65
Amps
Peak non-repetitive surge current
(1 cycle, 60Hz, TC = 60°C, preceded and followed by rated current)
ITSM
6.0
Amps
Circuit fusing considerations (TJ = -40 to + 125°C, t = 8.3ms)
I2t
0.15
A2s
Average gate power
PG(AV)
0.01
Watts
Peak gate current
IGM
1.0
Amps
Operating junction temperature range
TJ
-40 to +125
°C
Storage temperature range
Tstg
-40 to +150
°C
THERMAL CHARACTERISTICS
Characteristic
Symbol
Maximum
Unit
Thermal resistance, junction to case
R
ӨJC
75
°C/W
Thermal resistance, junction to ambient
R
ӨJA
200
°C/W
ELECTRICAL CHARACTERISTICS (TC = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ.
Max
Unit
Peak blocking current (either direction)
(VD = Rated VDRM, TJ = 125°C, gate open)
IDRM
-
-
100
µA
Peak on-state voltage (either direction)
(ITM = 0.92A peak, pulse width = 1 to 2ms, duty cycle ≤ 2%)
VTM
-
-
1.85
Volts
Gate trigger current (continuous dc)
(VD = 7V, RL = 100Ω, minimum gate pulse width = 2µs)
MT2(+),G(+); MT2(-),G(-), all devices
MT2(+),G(-); MT2(-),G(+), MAC93A-1 through MAC93A-4
IGT
-
-
-
-
5.0
12
mA
Gate trigger voltage (continuous dc)
(VD = 7V, RL = 100Ω, minimum gate pulse width = 2µs)
MT2(+),G(+); MT2(-),G(-), all devices
MT2(+),G(-); MT2(-),G(+), MAC93A-1 through MAC93A-4
MT2(+),G(+); MT2(-),G(-), TC = -40°C, all devices
MT2(+),G(-); MT2(-),G(+), TC = -40°C, MAC93A-1 through MAC93A-4
(VD = Rated VDRM, RL = 10kΩ, TJ = 125°C)
MT2(+),G(+); MT2(-),G(-), all devices
MT2(+),G(-); MT2(-),G(+), MAC93A-1 through MAC93A-4
VGT
-
-
-
-
0.1
0.1
-
-
-
-
-
-
2.0
2.0
2.5
3.0
-
-
Volts
Holding current (either direction)
(VD = 7V, ITM = 20mA, gate open, TC = 25°C)
(VD = 7V, ITM = 20mA, gate open, TC = -40°C)
IH
-
-
-
-
10
20
mA
sales@digitroncorp.com
fax +1.908.245-0555
www.digitroncorp.com
Rev. 20130207


Similar Part No. - MAC93

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MAC9 MOTOROLA-MAC9 Datasheet
78Kb / 4P
TRIACS 8.0 AMPERES RMS 400 thru 800 VOLTS
logo
Digitron Semiconductors
MAC92 DIGITRON-MAC92 Datasheet
977Kb / 4P
SILICON BIDIRECTIONAL THYRISTORS
MAC92-1 DIGITRON-MAC92-1 Datasheet
977Kb / 4P
SILICON BIDIRECTIONAL THYRISTORS
MAC92-2 DIGITRON-MAC92-2 Datasheet
977Kb / 4P
SILICON BIDIRECTIONAL THYRISTORS
MAC92-3 DIGITRON-MAC92-3 Datasheet
977Kb / 4P
SILICON BIDIRECTIONAL THYRISTORS
More results

Similar Description - MAC93

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2N6344 ONSEMI-2N6344 Datasheet
87Kb / 8P
Silicon Bidirectional Thyristors
March, 2000 ??Rev. 1
T2500D ONSEMI-T2500D Datasheet
51Kb / 4P
Silicon Bidirectional Thyristors
April, 2006 ??Rev. 4
BTA30-600CW3G ONSEMI-BTA30-600CW3G Datasheet
109Kb / 6P
Silicon Bidirectional Thyristors
March, 2009 ??Rev. 0
logo
New Jersey Semi-Conduct...
2N6342A NJSEMI-2N6342A Datasheet
167Kb / 1P
SILICON BIDIRECTIONAL THYRISTORS
logo
Digitron Semiconductors
MAC223 DIGITRON-MAC223 Datasheet
173Kb / 3P
SILICON BIDIRECTIONAL THYRISTORS
MAC210 DIGITRON-MAC210 Datasheet
208Kb / 4P
SILICON BIDIRECTIONAL THYRISTORS
BTC05 DIGITRON-BTC05 Datasheet
427Kb / 4P
SILICON BIDIRECTIONAL THYRISTORS
logo
ON Semiconductor
MAC223A6 ONSEMI-MAC223A6 Datasheet
162Kb / 5P
Silicon Bidirectional Thyristors
August, 2006 ??Rev. 2
logo
Kersemi Electronic Co.,...
MAC4DSM KERSEMI-MAC4DSM Datasheet
466Kb / 8P
Silicon Bidirectional Thyristors
T2322 KERSEMI-T2322 Datasheet
401Kb / 4P
Silicon Bidirectional Thyristors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com