Electronic Components Datasheet Search
  English  ▼

X  

BA6208 Datasheet(PDF) 3 Page - Unisonic Technologies

Part # BA6208
Description  REVERSIBLE MOTOR DRIVER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

BA6208 Datasheet(HTML) 3 Page - Unisonic Technologies

  BA6208 Datasheet HTML 1Page - Unisonic Technologies BA6208 Datasheet HTML 2Page - Unisonic Technologies BA6208 Datasheet HTML 3Page - Unisonic Technologies BA6208 Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
BA6208
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
3 of 4
www.unisonic.com.tw
QW-R109-004,C
ABSOLUTE MAXIMUM RATING (Ta=25°C)
PARAMETER
SYMBOL
RATINGS
UNIT
Power Supply Voltage
VCC
18
V
Maximum Output Current
IOUT(MAX)
500
mA
DIP-8
500
mW
SIP-9
700
mW
Power Dissipation
SOP-8
PD
450
mW
Operating Temperature
TOPR
-20 ~ +60
°C
Storage Temperature
TSTG
-55 ~ +125
°C
Note Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
INPUT TRUTH TABLE
3pin (Ain)
2pin (Bin)
8pin (Aout)
7pin (Bout)
H
L
H
L
L
H
L
H
H
H
L
L
L
L
OPEN
OPEN
Note: HIGH level input is 2.0V or more.
LOW level input is 0.8V or less.
ELECTRICAL CHARACTERISTICS (Ta=25°C, V
CC=9V, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Output Saturation Voltage
VCE
IOUT=100mA
1.6
V
High
VIH
2.0
V
Input Level Voltage
Low
VIL
0.8
V
Output Current
IOUT
200
mA
Standby Supply Current
IST
Ain=Low, Bin= Low
0.4
mA
Input High Level Current
IIH
VIH =4.5V
400
µA
Note: A diode that absorbs at least 500mA is built in to give protection against surge currents with a pulse width of
10 ms and a duty ratio of 10% or less.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com