Electronic Components Datasheet Search
  English  ▼

X  

C555L-S08-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # C555L-S08-R
Description  SINGLE TIMER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

C555L-S08-R Datasheet(HTML) 1 Page - Unisonic Technologies

  C555L-S08-R Datasheet HTML 1Page - Unisonic Technologies C555L-S08-R Datasheet HTML 2Page - Unisonic Technologies C555L-S08-R Datasheet HTML 3Page - Unisonic Technologies C555L-S08-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
UNISONIC TECHNOLOGIES CO., LTD
C555
Preliminary
CMOS IC
www.unisonic.com.tw
1 of 4
Copyright © 2013 Unisonic Technologies Co., Ltd
QW-R502-A12.b
SINGLE TIMER
DESCRIPTION
The C555 astable and monostable timing circuit is a highly
stable controller capable of producing accurate time delays, or
oscillation.
FEATURES
* Timing from microseconds through hours
* High speed operation – 500kHz
* Wide operation supply voltage range – 2 to 18 voltages
* Low Supply Current -0.2mA
* Operates in both astable and monostable modes
* High output source/sink driver can drive TTL / CMOS
* Adjustable duty cycle
ORDERING INFORMATION
Ordering Number
Package
Packing
Lead Free
Halogen Free
C555L-D08-T
C555G-D08-T
DIP-8
Tube
C555L-S08-T
C555G-S08-T
SOP-8
Tube
C555L-S08-R
C555G-S08-R
SOP-8
Tape Reel


Similar Part No. - C555L-S08-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
C555L-S08-R UTC-C555L-S08-R Datasheet
167Kb / 4P
SINGLE TIMER
C555L-S08-R UTC-C555L-S08-R Datasheet
208Kb / 4P
SINGLE TIMER
More results

Similar Description - C555L-S08-R

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KA555 FAIRCHILD-KA555 Datasheet
148Kb / 14P
Single Timer
logo
GTM CORPORATION
GPNE555 GTM-GPNE555 Datasheet
499Kb / 5P
SINGLE TIMER
GSCNE555 GTM-GSCNE555 Datasheet
519Kb / 5P
SINGLE TIMER
logo
SeCoS Halbleitertechnol...
SSCNE555 SECOS-SSCNE555 Datasheet
777Kb / 5P
Single Timer
logo
Fairchild Semiconductor
LM555 FAIRCHILD-LM555_12 Datasheet
194Kb / 13P
Single Timer
KA555IDTF FAIRCHILD-KA555IDTF Datasheet
156Kb / 14P
Single Timer
KA555I FAIRCHILD-KA555I Datasheet
156Kb / 14P
Single Timer
KA555DTF FAIRCHILD-KA555DTF Datasheet
156Kb / 14P
Single Timer
logo
Unisonic Technologies
NE555 UTC-NE555_15 Datasheet
205Kb / 8P
SINGLE TIMER
C555 UTC-C555_18 Datasheet
208Kb / 4P
SINGLE TIMER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com