Electronic Components Datasheet Search
  English  ▼

X  

LM6172IM Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM6172IM
Description  LM6172 Dual High Speed, Low Power, Low Distortion, Voltage Feedback Amplifiers
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM6172IM Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LM6172IM Datasheet HTML 1Page - National Semiconductor (TI) LM6172IM Datasheet HTML 2Page - National Semiconductor (TI) LM6172IM Datasheet HTML 3Page - National Semiconductor (TI) LM6172IM Datasheet HTML 4Page - National Semiconductor (TI) LM6172IM Datasheet HTML 5Page - National Semiconductor (TI) LM6172IM Datasheet HTML 6Page - National Semiconductor (TI) LM6172IM Datasheet HTML 7Page - National Semiconductor (TI) LM6172IM Datasheet HTML 8Page - National Semiconductor (TI) LM6172IM Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
LM6172
SNOS792D – MAY 1999 – REVISED MARCH 2013
www.ti.com
±15V AC Electrical Characteristics
Unless otherwise specified, TJ = 25°C, V
+ = +15V, V− = −15V, V
CM = 0V, and RL = 1kΩ
Symbol
Parameter
Conditions
LM6172I
Units
Typ
(1)
SR
Slew Rate
AV = +2, VIN = 13 VPP
3000
V/
μs
AV = +2, VIN = 10 VPP
2500
V/
μs
Unity-Gain Bandwidth
100
MHz
−3 dB Frequency
AV = +1
160
MHz
AV = +2
62
MHz
Bandwidth Matching between Channels
2
MHz
φm
Phase Margin
40
Deg
ts
Settling Time (0.1%)
AV = −1, VOUT = ±5V,
65
ns
RL = 500Ω
AD
Differential Gain(2)
0.28
%
φD
Differential Phase(2)
0.6
Deg
en
Input-Referred Voltage Noise
f = 1kHz
12
nV/
√Hz
in
Input-Referred Current Noise
f = 1kHz
1
pA/
√Hz
Second Harmonic
f = 10kHz
−110
dB
Distortion(3)
f = 5MHz
−50
dB
Third Harmonic
f = 10kHz
−105
dB
Distortion(3)
f = 5MHz
−50
dB
(1)
Typical Values represent the most likely parametric normal.
(2)
Differential gain and phase are measured with AV = +2, VIN = 1 VPP at 3.58MHz and both input and output 75Ω terminated.
(3)
Harmonics are measured with AV = +2, VIN = 1 VPP and RL = 100Ω.
4
Submit Documentation Feedback
Copyright © 1999–2013, Texas Instruments Incorporated
Product Folder Links: LM6172



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com