Electronic Components Datasheet Search
  English  ▼

X  

TPV598 Datasheet(PDF) 3 Page - Motorola, Inc

Part # TPV598
Description  UHF LINEAR POWER TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

TPV598 Datasheet(HTML) 3 Page - Motorola, Inc

  TPV598 Datasheet HTML 1Page - Motorola, Inc TPV598 Datasheet HTML 2Page - Motorola, Inc TPV598 Datasheet HTML 3Page - Motorola, Inc TPV598 Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
TPV598
MOTOROLA RF DEVICE DATA
PACKAGE DIMENSIONS
CASE 244–04
ISSUE J
STYLE 1:
PIN 1. EMITTER
2. BASE
3. EMITTER
4. COLLECTOR
K
D
A
J
T
F
P
M
2
1
3
4
SEATING PLANE
8–32 NC 2A
WRENCH FLAT
U
E
B
S
C
DIM
MIN
MAX
MIN
MAX
INCHES
MILLIMETERS
A
7.06
7.26
0.278
0.286
B
6.20
6.50
0.244
0.256
C
14.99
16.51
0.590
0.650
D
5.46
5.96
0.215
0.235
E
1.40
1.65
0.055
0.065
G
1.52
–––
0.060
–––
J
0.08
0.17
0.003
0.007
K
11.05
–––
0.435
–––
M
45 NOM
45 NOM
P
–––
1.27
–––
0.050
S
3.00
3.25
0.118
0.128
T
1.40
1.77
0.055
0.070
U
2.92
3.68
0.115
0.145
_
_



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com