Electronic Components Datasheet Search
  English  ▼

X  

LM7171AMJQML Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM7171AMJQML
Description  LM7171QML Very High Speed, High Output Current, Voltage Feedback Amplifier
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM7171AMJQML Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button LM7171AMJQML Datasheet HTML 3Page - National Semiconductor (TI) LM7171AMJQML Datasheet HTML 4Page - National Semiconductor (TI) LM7171AMJQML Datasheet HTML 5Page - National Semiconductor (TI) LM7171AMJQML Datasheet HTML 6Page - National Semiconductor (TI) LM7171AMJQML Datasheet HTML 7Page - National Semiconductor (TI) LM7171AMJQML Datasheet HTML 8Page - National Semiconductor (TI) LM7171AMJQML Datasheet HTML 9Page - National Semiconductor (TI) LM7171AMJQML Datasheet HTML 10Page - National Semiconductor (TI) LM7171AMJQML Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 31 page
background image
LM7171QML, LM7171QML-SP
www.ti.com
SNOSAR5C – FEBRUARY 2009 – REVISED APRIL 2013
LM7171 (±5) Electrical Characteristics DC Parameters
(1) (2)
The following conditions apply, unless otherwise specified.
DC:
TJ = 25°C, V
+ = +5V, V− = −5V, V
CM = 0V, and RL > 1MΩ
Sub-
Symbol
Parameter
Conditions
Notes
Min
Max
Units
groups
VIO
Input Offset Voltage
−1.5
1.5
mV
1
−7.0
7.0
mV
2, 3
+IIB
Input Bias Current
10
µA
1
12
µA
2, 3
-IIB
Input Bias Current
10
µA
1
12
µA
2, 3
IIO
Input Offset Current
−4.0
4.0
µA
1
−6.0
6.0
µA
2, 3
CMRR
Common Mode Rejection Ratio
VCM = ±2.5V
80
dB
1
70
dB
2, 3
AV
Large Signal Voltage Gain
RL = 1KΩ, VO = ±1V
See(3)
75
dB
1
See(3)
70
dB
2, 3
RL = 100Ω, VO = ±1V
See(3)
72
dB
1
See(3)
67
dB
2, 3
VO
Output Swing
RL = 1KΩ
3.2
-3.2
V
1
3.0
-3.0
V
2, 3
RL = 100Ω
2.9
-2.9
V
1
2.8
-2.75
V
2, 3
Output Current (Open Loop)
Sourcing
See(4)
29
mA
1
RL = 100Ω
See(4)
28
mA
2, 3
Sinking
See(4)
-29
mA
1
RL = 100Ω
See(4)
-27.5
mA
2, 3
IS
Supply Current
8.0
mA
1
9.0
mA
2, 3
(1)
Pre and post irradiation limits are identical to those listed under AC and DC electrical characteristics except as listed in the Post
Radiation Limits Table. These parts may be dose rate sensitive in a space environment and demonstrate enhanced low dose rate effect.
Radiation end point limits for the noted parameters are specified only for the conditions as specified in MIL-STD-883, per Test Method
1019, Condition A.
(2)
Pre and post irradiation limits are identical to those listed under AC and DC electrical characteristics except as listed in the Post
Radiation Limits Table. Low dose rate testing has been peformed on a wafer-by-wafer basis, per Test Method 1019, Condition D of MIL-
STD-883, with no enhanced low dose rate sensitivity (ELDRS).
(3)
Large signal voltage gain is the total output swing divided by the input signal required to produce that swing. For VS = ±15V, VOUT =
±5V. For VS = ±5V, VOUT = ±1V.
(4)
The open loop output current is specified, by the measurement of the open loop output voltage swing, using 100
Ω output load.
Copyright © 2009–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM7171QML LM7171QML-SP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com