Electronic Components Datasheet Search
  English  ▼

X  

0804293 Datasheet(PDF) 11 Page - PHOENIX CONTACT

Part # 0804293
Description  Printed-circuit board connector - FKC 2,5/ 8-ST-5,08 - 1873113
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0804293 Datasheet(HTML) 11 Page - PHOENIX CONTACT

Back Button 0804293 Datasheet HTML 5Page - PHOENIX CONTACT 0804293 Datasheet HTML 6Page - PHOENIX CONTACT 0804293 Datasheet HTML 7Page - PHOENIX CONTACT 0804293 Datasheet HTML 8Page - PHOENIX CONTACT 0804293 Datasheet HTML 9Page - PHOENIX CONTACT 0804293 Datasheet HTML 10Page - PHOENIX CONTACT 0804293 Datasheet HTML 11Page - PHOENIX CONTACT 0804293 Datasheet HTML 12Page - PHOENIX CONTACT 0804293 Datasheet HTML 13Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
https://www.phoenixcontact.com/us/products/1873113
10.11.2013   Page 11 / 13
Printed-circuit board connector - FKC 2,5/ 8-ST-5,08 - 1873113
Accessories
Base strip - EMSTBVA 2,5/ 8-G-5,08 - 1859577
Header, Nominal current: 12 A, Rated voltage (III/2): 320 V, Number of positions: 8, Pitch: 5.08 mm, Color: green,
Contact surface: Tin, Assembly: Press-in
 
 
Printed-circuit board connector - FKIC 2,5/ 8-ST-5,08 - 1873414
Plug component, Nominal current: 12 A, Rated voltage (III/2): 320 V, Number of positions: 8, Pitch: 5.08 mm, Connection
method: Spring-cage conn., Color: green, Contact surface: Tin
 
 
Base strip - MSTBA 2,5/ 8-G-5,08-LA - 1771008
Header, Nominal current: 12 A, Rated voltage (III/2): 320 V, Number of positions: 8, Pitch: 5.08 mm, Color: green,
Contact surface: Tin, Assembly: Soldering
 
 
Base strip - MSTBA 2,5/ 8-G-5,08 - 1757307
Header, Nominal current: 12 A, Rated voltage (III/2): 320 V, Number of positions: 8, Pitch: 5.08 mm, Color: green,
Contact surface: Tin, Assembly: Soldering
 
 
Base strip - MSTB 2,5/ 8-G-5,08-LA - 1770779
Header, Nominal current: 12 A, Rated voltage (III/2): 320 V, Number of positions: 8, Pitch: 5.08 mm, Color: green,
Contact surface: Tin, Assembly: Soldering
 
 



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com