Electronic Components Datasheet Search
  English  ▼

X  

M7206 Datasheet(PDF) 2 Page - Unisonic Technologies

Part # M7206
Description  3 1/2 LCD DISPLAY DRIVER, A/D CONVERTERS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

M7206 Datasheet(HTML) 2 Page - Unisonic Technologies

  M7206 Datasheet HTML 1Page - Unisonic Technologies M7206 Datasheet HTML 2Page - Unisonic Technologies M7206 Datasheet HTML 3Page - Unisonic Technologies M7206 Datasheet HTML 4Page - Unisonic Technologies M7206 Datasheet HTML 5Page - Unisonic Technologies M7206 Datasheet HTML 6Page - Unisonic Technologies M7206 Datasheet HTML 7Page - Unisonic Technologies M7206 Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
M7206
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
2 of 8
www.unisonic.com.tw
QW-R502-Q37.A
PIN CONFIGURATIONS
PIN DESCRIPTION
PIN
NAME
TYPE
PIN DESCRIPTION
1
BZ
O
Piezo buzzer output. Whenever BZEN is connected to V+ and
differential inputs are tied together, BZ will generate a 5KHz sound
output.
2
BZEN
I
Buzzer control slave input. This pin is internally pulled-down to
TEST.See BZ
3
TEST
-
Digital GND. Pull high to V+ all LCD segments will be activated.
4
OSC3
-
Crystal oscillator connection. (RC)
5
HOLD
O
Hold control pin. When it receives a negative mud pulse, display hold;
Receive again then function disabled.
6
OSC2
-
Crystal oscillator connection. (output)
7
OSC1
-
Crystal oscillator connection. (input)
8
V+
P
Positive supply voltage
9~15
A1~G1
O
LCD segment drive (unit)
16~21、32
A2~G2
O
LCD segment drive (decade)
22~25, 29~31
A3~G3
O
LCD segment drive (hundred)
26
AB4
O
LCD segment drive (thousand). When the readout exceeds 1999, AB4
drive the segment of thousand to display ‘1’ for showing excess.
27
POL
O
LCD segment drive. (minus ‘-‘)
28
BP
O
LCD common drive.
33
LOWB
O
LCD segment drive. (low battery)
34
V-
P
Negative supply voltage. Connecting to battery negative terminal.
35
INT
-
Integrator output.
36
BUFF
-
Integration register connection
37
A/Z
-
Auto-zero capacitor connection
38
IN LO
I
Analog low input signal
39
IN HI
I
Analog high input signal
40
COMMON
O
Set the common-mode voltage for the system
41
C-REF-
-
Negative capacitor connection for on-chip A/D converter
42
C-REF+
-
Positive capacitor connection for on-chip A/D converter
43
REF LO
I
Low differential reference input connection.
44
REF HI
I
High differential reference input connection



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com