Electronic Components Datasheet Search
  English  ▼

X  

RCR6C Datasheet(PDF) 2 Page - Unisonic Technologies

Part # RCR6C
Description  REMOTE CONTROLLER WITH SEVEN FUNCTIONS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

RCR6C Datasheet(HTML) 2 Page - Unisonic Technologies

  RCR6C Datasheet HTML 1Page - Unisonic Technologies RCR6C Datasheet HTML 2Page - Unisonic Technologies RCR6C Datasheet HTML 3Page - Unisonic Technologies RCR6C Datasheet HTML 4Page - Unisonic Technologies RCR6C Datasheet HTML 5Page - Unisonic Technologies RCR6C Datasheet HTML 6Page - Unisonic Technologies RCR6C Datasheet HTML 7Page - Unisonic Technologies RCR6C Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
RCR6C
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
2 of 8
www.unisonic.com.tw
Ver.a
PIN CONFIGURATIONS
DIP-18
DIP-20
PIN DESCRIPTION
PIN NO.
PIN NAME
DESCRIPTION
DIP-18
DIP-20
1
1
VOUT2
Inverter 2 output pin for power amplify
2
2
GND
Negative power supply
3
3
SI
Input pin of the encoding signal
4
4
OSCI
Oscillator input pin
5
5
OSCO
Oscillator output pin
6
6
F1
F1 function output pin
7
7
RIGHT
Rightward output pin
8
8
F2
F2 function output pin
9
9
LEFT
Leftward output pin
10
10
VT
Auto Shut-OFF input pin
If VT voltage exceeds 1.4V, all outputs shut off automatically.
11
RDB
With Pull-up resistor, rightward function disabled if this pin connected to GND
12
LDB
With Pull-up resistor, leftward function disabled if this pin connected to GND
11
13
LRTD
If connect gnd ,Left/right+ turbo is disable
12
14
BACKWARD
Backward output pin
13
15
FORWARD
Forward output pin
14
16
TURBO
TURBO output pin
15
17
VDD
Positive power supply
16
18
VIN1
Inverter 1 input pin for signal amplify
17
19
VOUT1
Inverter 1 output pin for signal amplify
18
20
VIN2
Inverter 2 input pin for signal amplify



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com