Electronic Components Datasheet Search
  English  ▼

X  

TPV695 Datasheet(PDF) 3 Page - Motorola, Inc

Part # TPV695
Description  UHF LINEAR POWER TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

TPV695 Datasheet(HTML) 3 Page - Motorola, Inc

  TPV695 Datasheet HTML 1Page - Motorola, Inc TPV695 Datasheet HTML 2Page - Motorola, Inc TPV695 Datasheet HTML 3Page - Motorola, Inc TPV695 Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
TPV695A
MOTOROLA RF DEVICE DATA
Figure 2. Bias Network
+ 25 V
15
Ω
0.3
Ω
10
µF
+ 25 V
20
Ω
3.3 k
Ω
2 k
Ω
10
µF
56
Ω
BD135
BL557A
BL557A
3.8 k
Ω
TPV695A
Intermodulation Distortion, 3 Tone
Test Conditions:
@ – 8 dB Ref. Vision Carrier, – 7 dB Ref. Sound Carrier,
–16 dB Ref. Sideband Signal
Pref = 14 Watts
VCB = 25 Volts & ICS = 2 x 900 mA
Frequency
MHz
IMD
dB
860
760
660
560
470
– 47
– 47
– 47
– 47
– 48
Figure 3. IMD versus Frequency
f
(MHz)
S11
S21
S12
S22
f
(MHz)
|S11|
∠ φ
|S21|
∠ φ
|S12|
∠ φ
|S22|
∠ φ
400
450
500
550
600
650
700
750
800
850
900
0.918
0.908
0.877
0.889
0.891
0.863
0.839
0.805
0.800
0.771
0.762
176.6
175.6
176.1
174.5
174.0
173.6
173.1
172.8
172.6
172.3
172.2
0.605
1.44
1.28
1.21
1.16
1.15
1.15
1.15
1.15
1.20
1.11
58.3
53.1
48.3
42.3
36.3
29.9
21.9
13.8
4.7
– 8.2
– 21.1
2.75
⋅10–4
3.01
⋅10–4
3.10
⋅10–4
3.72
⋅10–4
4.31
⋅10–4
6.11
⋅10–4
6.03
⋅10–4
6.55
⋅10–4
7.29
⋅10–4
8.39
⋅10–4
8.55
⋅10–4
– 8.2
– 11.8
– 12.8
– 16.3
– 18.5
– 25
– 34.3
– 39.9
– 46.6
– 57.4
– 67.6
0.449
0.452
0.438
0.452
0.466
0.469
0.500
0.541
0.583
0.673
0.759
– 173.1
– 172.4
– 171.7
– 170.1
– 168.9
– 167.2
– 165.5
– 164.2
– 163.5
– 163.1
– 164.3
Table 1. S–Parameters



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com