Electronic Components Datasheet Search
  English  ▼

X  

TPV7025 Datasheet(PDF) 2 Page - Motorola, Inc

Part # TPV7025
Description  UHF LINEAR POWER TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

TPV7025 Datasheet(HTML) 2 Page - Motorola, Inc

  TPV7025 Datasheet HTML 1Page - Motorola, Inc TPV7025 Datasheet HTML 2Page - Motorola, Inc TPV7025 Datasheet HTML 3Page - Motorola, Inc TPV7025 Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
TPV7025
2
MOTOROLA RF DEVICE DATA
ELECTRICAL CHARACTERISTICS — continued
Characteristic
Unit
Max
Typ
Min
Symbol
FUNCTIONAL TESTS (2)
Common–Emitter Amplifier Power Gain
(VCE = 25 V, Pout = 25 W, f = 860 MHz, ICQ = 3.2 A)
GPE
9.0
—
10.5
dB
Load Mismatch
(VCE = 25 V, Pout = 24 W, f = 860 MHz,
Load VSWR =
∞:1, All Phase Angles)
ψ
No Degradation in Output Power
Overdrive (f = 470 MHz, 2 tones, VCE = 25 V, IC = 3.2 A)
(No Degradation)
Pinover
24
—
—
W
Intermodulation Distortion, 3 Tone
(f = 860 MHz, VCE = 25 V, IE = 3.2 A, Pref = 25 W,
Vision Carrier = – 8.0 dB, Sound Carrier = –7.0 dB,
Sideband Signal = –16 dB, Specification TV05001)
IMD1
—
—
– 45
dB
Cross Modulation Distortion
(Pref = 25 W, f = 860 MHz, ∆% Sound = (–7.0 dB),
Vision 0 – Peak)
XMOD
—
—
20
%
NOTE:
2. Both transistor chips operating in push–pull amplifier.
Figure 1. IMD versus Output Power
Figure 2. IMD versus Frequency
– 45
– 55
– 65
5
6.25
8
10
12.5
16
20
25
28
Pout, OUTPUT POWER (WATTS)
– 48
– 50
– 52
500
f, FREQUENCY (MHz)
600
700
800
f = 860 MHz
VCE = 25 V
IC = 3.2 A
Tbp = 25°C
3 TONES: – 8 dB, – 7 dB, – 17 dB
Pout = 20 W
VCE = 25 V
IC = 3.2 A
Tbp = 25°C
3 TONES: – 8 dB, – 7 dB, – 17 dB
TYPICAL CHARACTERISTICS



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com