Electronic Components Datasheet Search
  English  ▼

X  

RM1Z Datasheet(PDF) 3 Page - Sanken electric

Part # RM1Z
Description  Silicon Rectifier Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

RM1Z Datasheet(HTML) 3 Page - Sanken electric

  RM1Z Datasheet HTML 1Page - Sanken electric RM1Z Datasheet HTML 2Page - Sanken electric RM1Z Datasheet HTML 3Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
SANKEN ELECTRIC CO., LTD.
RM1Z
040115
3/3
61426-01
7.
Dimensions, inner structure and marking
7.1 Dimensions refer
*1 The allowance position of body against the center of whole lead wire is 0.5mm (max.)
*2 The centric allowance of lead wire against center of physical body is 0.3mm (max.)
*3 The burr may exist up to 2mm from the body of lead.
7.2 Appearance
The body shall be clean and shall not bear any stain, rust or flaw.
The color of the case will be black.
7.3 Marking
①Polarity marking (Cathode band)
②Type marking : 2 set marking Ex.) RM1
RM1Z
③
Lot No. marking : 2 set marking Ex.) 41…
41…
4: Year (Last digit of calendar year)
8 : Month (From 1 to 9 for Jan. to sep.,)
O for Oct., N for Nov., and D for Dec.
Ten days (・ : First ten days
・・ : Second ten days
・・・ : Third ten days)
The color of marking must be white.
The marking on the case of a part, which is printed in two positions,
should be legible in either of the two at least.
Dimensions in mm
62.5±0.7
7.2±0.2
※1
※3
※2



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com