Electronic Components Datasheet Search
  English  ▼

X  

RM2 Datasheet(PDF) 5 Page - Sanken electric

Part # RM2
Description  Silicon Diode
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

RM2 Datasheet(HTML) 5 Page - Sanken electric

  RM2 Datasheet HTML 1Page - Sanken electric RM2 Datasheet HTML 2Page - Sanken electric RM2 Datasheet HTML 3Page - Sanken electric RM2 Datasheet HTML 4Page - Sanken electric RM2 Datasheet HTML 5Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
SANKEN ELECTRIC CO., LTD.
RM2
‘060118
5/5
61426-01
8 Package information
8-1 Package type, physical dimensions and material
*1
The allowance position of Body against the center of whole lead wire is 0.5mm(max.)
*2
The centric allowance of lead wire against center of physical body is 0.3mm(max.)
*3
The burr may exit up to 2mm from the body of lead
Dimensions in ㎜
8-2 Appearance
The body shall be clean and shall not bear any stain, rust or flaw.
8-3 Marking
① Type number
RM2
② Lot number 1
First digit: Last digit of Year
Second digit: Month
From 1 to 9 for Jan. to Sep.
O for Oct., N for Nov., and D for Dec.
③ Lot number 2 (ten days)
・
:Top of the month
・・
:Middle of month
・・・
:End of month
9 Internal structure diagram
No.
Name of part
Materials
①
Plastic body
Epoxy Resin
②
Chip
Silicon
③
Leads
Solder Dipped Silver plated copper wire
カソード表示
Cathode Band
①
②
③
①
②
③
②
①
③
※2
62.5 ±0.7
7.2±0.2
※1
※3



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com