Electronic Components Datasheet Search
  English  ▼

X  

RM2A Datasheet(PDF) 3 Page - Sanken electric

Part # RM2A
Description  Silicon Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

RM2A Datasheet(HTML) 3 Page - Sanken electric

  RM2A Datasheet HTML 1Page - Sanken electric RM2A Datasheet HTML 2Page - Sanken electric RM2A Datasheet HTML 3Page - Sanken electric RM2A Datasheet HTML 4Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SANKEN ELECTRIC CO., LTD.
RM2A
031117
3/4
61426-01
7 Derating
Ta - IF(AV)
Ambient Temperature, Ta (°C)
0.0
0.2
0.4
0.6
0.8
1.0
1.2
0
50
100
150
t/T=1/6
t/T=1/2
DC
t/T=1/3
Tj=150°C
t
T
sinewave
P.C.B. Mounted
(10mm×10mm
Land)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com