Electronic Components Datasheet Search
  English  ▼

X  

RM2C Datasheet(PDF) 1 Page - Sanken electric

Part # RM2C
Description  Silicon Rectifier Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

RM2C Datasheet(HTML) 1 Page - Sanken electric

  RM2C Datasheet HTML 1Page - Sanken electric RM2C Datasheet HTML 2Page - Sanken electric RM2C Datasheet HTML 3Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SANKEN ELECTRIC CO., LTD.
RM2C
040831
1/3
61426-01
1 Scope
The present specifications shall apply to Sanken silicon diode, RM2C.
2 Outline
Type
Silicon Rectifier Diode (Mesa type)
Structure
Resin Molded
Flammability: UL94V-0 (Equivalent)
Applications
Commercial Frequency Rectification, etc
3 Absolute maximum ratings
No.
Item
Symbol
Unit
Rating
Conditions
1
Transient Peak Reverse Voltage
VRSM
V
1050
2
Peak Reverse Voltage
VRM
V
1000
3
Average Forward Current
IF(AV)
A
1.2
Refer to derating curve
in Section 6
4
Peak Surge Forward Current
IFSM
A
100
10ms.
Half sine wave, one shot
5
Junction Temperature
Tj
°C
-40 to +150
6
Storage Temperature
Tstg
°C
-40 to +150
4 Electrical characteristics (Ta=25°C, unless otherwise specified)
No.
Item
Symbol
Unit
Rating
Conditions
1
Forward Voltage Drop
VF
V
0.91 max.
IF=1.5A
2
Reverse Leakage Current
IR
µA
10 max.
VR=VRM
3
Reverse Leakage Current Under
High Temperature
H・IR
µA
50 max.
VR=VRM, Tj=100°C
4
Thermal Resistance
Rth(j-l)
°C/W
12 max.
Between Junction and Lead


Similar Part No. - RM2C

ManufacturerPart #DatasheetDescription
logo
Sanken electric
RM2C SANKEN-RM2C Datasheet
20Kb / 1P
Rectifier Diodes
logo
EIC discrete Semiconduc...
RM2C EIC-RM2C Datasheet
40Kb / 2P
SILICON RECTIFIER DIODES
logo
List of Unclassifed Man...
RM2C ETC-RM2C Datasheet
70Kb / 2P
Rectifier Diodes
logo
Galaxy Semi-Conductor H...
RM2C BILIN-RM2C Datasheet
47Kb / 2P
PLASTIC SILICON RECTIFIER
logo
EIC discrete Semiconduc...
RM2C EIC-RM2C Datasheet
54Kb / 2P
SILICON RECTIFIER DIODES
More results

Similar Description - RM2C

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE506 NTE-NTE506 Datasheet
15Kb / 1P
Silicon Rectifier Diode
logo
EIC discrete Semiconduc...
1N4003ST EIC-1N4003ST Datasheet
53Kb / 2P
SILICON RECTIFIER DIODE
logo
SEMTECH ELECTRONICS LTD...
RN2Z SEMTECH_ELEC-RN2Z Datasheet
186Kb / 1P
SILICON RECTIFIER DIODE
logo
Sanken electric
FMX-22S SANKEN-FMX-22S Datasheet
209Kb / 4P
Silicon Rectifier Diode
FMX-12S SANKEN-FMX-12S Datasheet
206Kb / 4P
Silicon Rectifier Diode
RM1Z SANKEN-RM1Z Datasheet
207Kb / 3P
Silicon Rectifier Diode
RM10Z SANKEN-RM10Z Datasheet
214Kb / 3P
Silicon Rectifier Diode
logo
SiPower Inc.
SPAL1012 SIPOWER-SPAL1012 Datasheet
365Kb / 3P
Silicon Rectifier Diode
SPAL1210 SIPOWER-SPAL1210 Datasheet
365Kb / 3P
Silicon Rectifier Diode
logo
EIC discrete Semiconduc...
10EDA20 EIC-10EDA20 Datasheet
114Kb / 2P
SILICON RECTIFIER DIODE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com