Electronic Components Datasheet Search
  English  ▼

X  

U4082BL-S28-R Datasheet(PDF) 7 Page - Unisonic Technologies

Part # U4082BL-S28-R
Description  VOICE SWITCHED SPEAKER-PHONE CIRCUIT
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U4082BL-S28-R Datasheet(HTML) 7 Page - Unisonic Technologies

Back Button U4082BL-S28-R Datasheet HTML 3Page - Unisonic Technologies U4082BL-S28-R Datasheet HTML 4Page - Unisonic Technologies U4082BL-S28-R Datasheet HTML 5Page - Unisonic Technologies U4082BL-S28-R Datasheet HTML 6Page - Unisonic Technologies U4082BL-S28-R Datasheet HTML 7Page - Unisonic Technologies U4082BL-S28-R Datasheet HTML 8Page - Unisonic Technologies U4082BL-S28-R Datasheet HTML 9Page - Unisonic Technologies U4082BL-S28-R Datasheet HTML 10Page - Unisonic Technologies U4082BL-S28-R Datasheet HTML 11Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
UNISONIC TECHNOLOGIES CO., LTD
U4082B
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
7 of 13
www.unisonic.com.tw
QW-R108-020.A
TEMPERATURE PARAMETERS
PARAMETER
TYP RATINGS (TA=25°С)
TYP CHANGE
UNIT
VCC Supply Current(CD=0.8V)
5mA
-0.3
%/°С
VCC Supply Current(CD=2V)
400µA
-0.4
%/°С
VB Output Voltage (VCC =5V)
2.1V
+0.8
%/°С
Attenuator Gain (Max Gain)
6
0.0008
dB/°С
Attenuator Gain (Max Attenuation)
-46dB
0.004
dB/°С
Attenuator Input resistance
10kΩ
0.6
%/°С
Dial Tone Detector Threshold
15mV
20
µV/°С
CT Source, Sink Current
±60µA
-0.15
%/°С
Microphone, Hybrid Amplifier Offset
0mV
±4
µV/°С
Transmit-Receive Switching Threshold
1
±0.02
%/°С
Sink Current at RLO1, RLO2, TLO1, TLO2
4µA
-10
nA/°С
Closed Loop Gain( HTO- to HTO+)
0dB
0.001
%/°С



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com