Electronic Components Datasheet Search
  English  ▼

X  

UL497L-S16-R Datasheet(PDF) 6 Page - Unisonic Technologies

Part # UL497L-S16-R
Description  HALL EFFECT PICKUP IGNITION CONTROLLER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UL497L-S16-R Datasheet(HTML) 6 Page - Unisonic Technologies

  UL497L-S16-R Datasheet HTML 1Page - Unisonic Technologies UL497L-S16-R Datasheet HTML 2Page - Unisonic Technologies UL497L-S16-R Datasheet HTML 3Page - Unisonic Technologies UL497L-S16-R Datasheet HTML 4Page - Unisonic Technologies UL497L-S16-R Datasheet HTML 5Page - Unisonic Technologies UL497L-S16-R Datasheet HTML 6Page - Unisonic Technologies UL497L-S16-R Datasheet HTML 7Page - Unisonic Technologies UL497L-S16-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
UL497
Preliminary
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
6 of 8
www.unisonic.com.tw
QW-R118-015.a
ELECTRICAL CHARACTERISTICS (VS=14.4V, -40 °C<TJ<125°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Min Operating Voltage
V3
3.5
V
Supply Current
I3
V3=6V
5
18
25
mA
V3=4V
7
13
mA
Voltage Supply
VS
28
V
Supply Clamping Zener Voltage
VZ3
IZ3=70mA
6.8
7.5
8.2
V
Input Voltage
V5
Low Status
0.6
V
High Status
2.5
V
Input Current
I5
V5=LOW
-400
-50
μA
Darlington Driver Saturation Current
V16–14
I14=50mA
0.5
V
I14=180mA
0.9
V
Current Limit Sensing Voltage
VSENSE
VS=6~16V
260
320
370
mV
CW Charge Current
I11C
VS=5.3~16V,V11=0.5V,
T=10~33ms
-11.0
-9.3
-7.8
μA
CW Charge Current
I11D
VS=5.3~16V, V11=0.5V,
T=10~33ms
0.5
0.7
1.0
μA
CW Charge Discharge ratio
I11C/I11D
VS= 5.3~16V, V11=0.5V,
T=10~33ms (Note 1)
7.8
22.0
Percentage of Output Current
Determining the Slow Recovery
Control Start (Note 2)
ISRC/ISENSE
90
94
98.5
%
Duration of Altered Small Control
Ratio after SRC Function Start
TSRC
CSRC=1μF, R7=62KΩ
0.8
s
External Darlington over V Prot
Zener Voltage
VZ15
I15=5mA
19
22.5
26
V
I15=2mA
18
21.5
25
Permanent Conduction Time
TP
V5=High, CP=1μF, R7=62KΩ
0.4
1.1
1.8
s
RPM Output Saturation Voltage
V6SAT
I6=18.5mA
0.5
V
I6=25mA
0.8
V
RPM Output Leakage Current
I6 LEAK
VS=20V
50
μA
Auxiliary Zener Voltage
VZ7
I7=20mA
19
27
V
Reference Voltage
V12
1.20
1.25
1.30
V
Notes: 1. td/t desaturation ratio is given by: td/T=1/[1+I11C/I11D]
2. ISENSE=Icoil when the external Darlington is in the active region.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com