Electronic Components Datasheet Search
  English  ▼

X  

DB3 Datasheet(PDF) 1 Page - Shanghai Lunsure Electronic Tech

Part # DB3
Description  SILICON BIDIRECTIONAL DIAC
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENYI [Shanghai Lunsure Electronic Tech]
Direct Link  http://www.cnelectr.com
Logo CHENYI - Shanghai Lunsure Electronic Tech

DB3 Datasheet(HTML) 1 Page - Shanghai Lunsure Electronic Tech

  DB3 Datasheet HTML 1Page - Shanghai Lunsure Electronic Tech DB3 Datasheet HTML 2Page - Shanghai Lunsure Electronic Tech  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CE
DB3/DC34/DB4/DB6
CHENYI ELECTRONICS
SILICON BIDIRECTIONAL DIAC
FEATURES
The three layer,two terminal, axial lead, hermetically sealed diacs are
designed specifically for triggering thyristors. They demonstrate low breakover
current at breakover voltage as they withstand peak pulse current,The breakover
symmetry is within three volts(DB3,DC34,DB4)or four volts(DB6).These diacs are
intended for use in thyrisitors phase control, circuits for lamp dimming,universal
motor speed control, and heat control.
JF's DB3/DC34/DB4/DB6 are bi-directional trigged diode designed to operate
in conjunction with Triacs and SCR's
ABSOLUTE RATINGS(LIMITING VALUES)
DB3
DC34
DB4
DB6
Power Dissipation on Printed
Circuit(L=10mm)
Repetitive Peak in-state
tp=10u s
Current
F=100Hz
TSTG/TJ
Storage and Operating Junction Temperature
ELECTRCAL CHARACTERISTICS
DB3
DC34
DB4
DB6
c=22nF(Note 2)
Min
28
30
35
56
See diagram1
Typ
32
34
40
60
Max
36
38
45
70
|+VBO|-
c=22nF(Note 2)
|-VBO|
See diagram1
I=(
IBO to IF=10mA)
See diagram1
Vo
See diagram2
Min
V
IBO
c=22nF(Note 2)
Max
A
tr
See Diagram 3
Typ
S
VB=0.5 VBO max
see diagram 1
Notes: 1. Electrical characteristics applicable in both forward and reverse directions.
2. Connected in parallel with the devices.
Parameters
Symbols
Units
2.0
2.0
1.6
Value
Symbols
Parameters
-40 to +125/-40 to 110
mW
A
Pc
ITRM
TA=50
150
2.0
VBO
Breakover Voltage(Note 2)
Output Voltage(Note 1)
Breakover Current(Note 1)
Max
|
V|
IB
Leakage Current(Note 1)
Rise Time(Note 1)
Value
Dynamic Breakover
Voltage(Note 1)
Breakover Voltage Symmetry
Units
3
4
5
Test Conditions
Max
Min
10
10
V
V
V
A
5
100
1.5
Copyright @ 2000 SHANGHAI CHENYI ELECTRONICS CO.,LTD
Page 1 of 2


Similar Part No. - DB3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
DB3 STMICROELECTRONICS-DB3 Datasheet
43Kb / 4P
TRIGGER DIODES
Apr-1995
logo
Shanghai Sunrise Electr...
DB3 SSE-DB3 Datasheet
15Kb / 1P
BIDIRECTIONAL TRIGGER DIODE
logo
Dc Components
DB3 DCCOM-DB3 Datasheet
167Kb / 2P
TECHNICAL SPECIFICATIONS OF BIDIRECTIONAL DIODE THYRISTORS (DIACS)
logo
Hi-Sincerity Mocroelect...
DB3 HSMC-DB3 Datasheet
18Kb / 2P
TRIGGER DIODES
logo
Diotec Semiconductor
DB3 DIOTEC-DB3 Datasheet
251Kb / 2P
Bidirectional Si-Trigger-Diodes (DIAC)
More results

Similar Description - DB3

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
DB-3 SEMTECH-DB-3 Datasheet
70Kb / 1P
Silicon Bidirectional DIAC
logo
Micro Commercial Compon...
LSDB3 MCC-LSDB3 Datasheet
315Kb / 3P
SILICON BIDIRECTIONAL DIAC
logo
Jinan Jingheng (Group) ...
LLDB3 JINANJINGHENG-LLDB3 Datasheet
63Kb / 2P
SILICON BIDIRECTIONAL DIAC
logo
Micro Commercial Compon...
DB3 MCC-DB3 Datasheet
413Kb / 3P
SILICON BIDIRECTIONAL DIAC
logo
Rugao Dachang Electroni...
DB3 DACHANG-DB3 Datasheet
88Kb / 2P
SILICON BIDIRECTIONAL DIAC
logo
Gaomi Xinghe Electronic...
DB4 GXELECTRONICS-DB4 Datasheet
310Kb / 2P
SILICON BIDIRECTIONAL DIAC
DC34 GXELECTRONICS-DC34 Datasheet
310Kb / 2P
SILICON BIDIRECTIONAL DIAC
logo
Jinan Jing Heng Electro...
DB4 JINGHENG-DB4 Datasheet
56Kb / 2P
SILICON BIDIRECTIONAL DIAC
DC34 JINGHENG-DC34 Datasheet
56Kb / 2P
SILICON BIDIRECTIONAL DIAC
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com