Electronic Components Datasheet Search
  English  ▼

X  

ID201 Datasheet(PDF) 2 Page - Digitron Semiconductors

Part # ID201
Description  SILICON CONTROLLED RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIGITRON [Digitron Semiconductors]
Direct Link  http://www.digitroncorp.com
Logo DIGITRON - Digitron Semiconductors

ID201 Datasheet(HTML) 2 Page - Digitron Semiconductors

  ID201 Datasheet HTML 1Page - Digitron Semiconductors ID201 Datasheet HTML 2Page - Digitron Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
DIGITRON SEMICONDUCTORS
144 Market Street
Kenilworth NJ 07033 USA
phone +1.908.245-7200
ID200-ID203
SILICON CONTROLLED RECTIFIER
ID300-ID301
1.6 AMP
MECHANICAL CHARACTERISTICS
Case
TO-39
Marking
Alpha-numeric
Pin out
See below
TO-39
Inches
Millimeters
Min
Max
Min
Max
A
0.335
0.370
8.510
9.390
B
0.305
0.335
7.750
8.500
C
0.240
0.260
6.100
6.600
D
0.016
0.021
0.410
0.530
E
0.009
0.041
0.230
1.040
F
0.016
0.019
0.410
0.480
G
0.200 BSC
5.080 BSC
H
0.028
0.034
0.720
0.860
J
0.029
0.045
0.740
1.140
K
0.500
0.750
12.700
19.050
L
0.250
-
6.350
-
M
45°C BSC
45°C BSC
P
-
0.050
-
1.270
R
0.100
-
2.540
-
sales@digitroncorp.com
fax +1.908.245-0555
www.digitroncorp.com
Rev. 20130116



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com