Electronic Components Datasheet Search
  English  ▼

X  

GA200 Datasheet(PDF) 2 Page - Digitron Semiconductors

Part # GA200
Description  SILICON CONTROLLED RECTIFIER NANOSECOND SWITCHING PLANAR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIGITRON [Digitron Semiconductors]
Direct Link  http://www.digitroncorp.com
Logo DIGITRON - Digitron Semiconductors

GA200 Datasheet(HTML) 2 Page - Digitron Semiconductors

  GA200 Datasheet HTML 1Page - Digitron Semiconductors GA200 Datasheet HTML 2Page - Digitron Semiconductors GA200 Datasheet HTML 3Page - Digitron Semiconductors GA200 Datasheet HTML 4Page - Digitron Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
DIGITRON SEMICONDUCTORS
144 Market Street
Kenilworth NJ 07033 USA
phone +1.908.245-7200
GA200-GA201A
SILICON CONTROLLED RECTIFIER
NANOSECOND SWITCHING
MECHANICAL CHARACTERISTICS
Case
TO-18
Marking
Alpha-numeric
Pin out
See below
TO-18
Inches
Millimeters
Min
Max
Min
Max
A
0.209
0.230
5.310
5.840
B
0.178
0.195
4.520
4.950
C
0.170
0.210
4.320
5.330
D
0.016
0.021
0.406
0.533
E
-
0.030
-
0.762
F
0.016
0.019
0.406
0.483
G
0.100 BSC
2.540 BSC
H
0.036
0.046
0.914
1.170
J
0.028
0.048
0.711
1.220
K
0.500
-
12.700
-
L
0.250
-
6.350
-
M
45°C BSC
45° BSC
N
0.050 BSC
1.270 BSC
P
-
0.050
-
1.270
sales@digitroncorp.com
fax +1.908.245-0555
www.digitroncorp.com
Rev. 20120117



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com