Electronic Components Datasheet Search
  English  ▼

X  

GA201 Datasheet(PDF) 1 Page - Digitron Semiconductors

Part # GA201
Description  SILICON CONTROLLED RECTIFIER NANOSECOND SWITCHING PLANAR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIGITRON [Digitron Semiconductors]
Direct Link  http://www.digitroncorp.com
Logo DIGITRON - Digitron Semiconductors

GA201 Datasheet(HTML) 1 Page - Digitron Semiconductors

  GA201 Datasheet HTML 1Page - Digitron Semiconductors GA201 Datasheet HTML 2Page - Digitron Semiconductors GA201 Datasheet HTML 3Page - Digitron Semiconductors GA201 Datasheet HTML 4Page - Digitron Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
DIGITRON SEMICONDUCTORS
144 Market Street
Kenilworth NJ 07033 USA
phone +1.908.245-7200
GA200-GA201A
SILICON CONTROLLED RECTIFIER
NANOSECOND SWITCHING
Available Non-RoHS (standard) or RoHS compliant (add PBF suffix).
Available as “HR” (high reliability) screened per MIL-PRF-19500, JANTX level. Add “HR” suffix to base part number.
MAXIMUM RATINGS
Ratings
Symbol
GA200
GA200A
GA201
GA201A
GB200
GB200A
GB201
GB201A
Repetitive peak off state voltage
VDRM
60V
100V
60V
100V
Repetitive peak on state current
ITRM
Up to 100A
DC on state current
70°C ambient
70°C case
IT
200mA
400mA
-
6A
Peak gate current
IGM
250mA
250mA
Average gate current
IG(AV)
25mA
50mA
Reverse gate current
IGR
3mA
3mA
Reverse gate voltage
VGR
5V
5V
Thermal resistance
R
ӨCA
300°C/W
Storage temperature range
Tstg
-65° to 200°C
Operating temperature range
TJ
-65° to 150°C
ELECTRICAL CHARACTERISTICS (@ 25°C unless otherwise noted)
Test
Symbol
Min.
Typ.
Max.
Units
Test Conditions
Delay time
td
-
-
20
10
30
-
ns
IG = 20mA, IT = 1A
IG = 30mA, IT = 1A
Rise time (GA200, GA200A, GB200, GB200A)
tr
-
-
15
25
25
-
ns
VD = 60V, IT = 1A(1)
VD = 60V, IT = 30A(1)
Rise time (GA201, GA201A, GB201, GB201A)
tr
-
-
10
20
20
-
ns
VD = 100V, IT = 1A(1)
VD = 100V, IT = 30A(1)
Gate trigger on pulse width
tpg(on)
-
0.02
0.05
µs
IG = 10mA, IT = 1A
Circuit commutated turn-off time
(GA200, GA201, GB200, GB201)
(GA200A, GA201A, GB200A, GB201A)
tq
-
-
0.8
0.3
2.0
0.5
µs
IT = 1A, IR = 1A, RGK = 1K
-
0.01
0.1
µA
VDRM = Rating, RGK = 1K
Off-state current
IDRM
-
20
100
µA
VDRM = rating, RGK = 1K, 150
°C
Reverse current
IRRM
-
1.0
10
mA
VRRM = 30V, RGK = 1K(2)
Reverse gate current
IGR
-
0.01
0.1
mA
VGRM = 5V
Gate trigger current
IGT
-
10
200
µA
VD = 5V, RGS = 10K
0.4
0.6
0.75
V
VD = 5V, RGS = 100Ω, T = 25°C
Gate trigger voltage
VGT
0.10
0.20
-
V
T = 150°C
On-state voltage
VT
-
1.1
1.5
V
IT = 2A
0.3
2.0
5.0
mA
VD = 5V, RGK = 1K, T = 25°C
Holding current
IH
0.05
0.2
-
mA
T = 150°C
Off-state voltage - critical rate of rise
dv/dt
20
40
-
V/µS
VD = 30V, RGK = 1K
Note 1: IG = 10mA, Pulse test: Duty cycle < 1%.
Note 2: Pulse test intended to guarantee reverse anode voltage capability for pulse commutation. Device should not be operated in the reverse blocking mode on a continuous basis.
sales@digitroncorp.com
fax +1.908.245-0555
www.digitroncorp.com
Rev. 20120117


Similar Part No. - GA201

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
GA201 MICROSEMI-GA201 Datasheet
140Kb / 3P
SCRs Nanosecond Switching, Planar
GA201A MICROSEMI-GA201A Datasheet
140Kb / 3P
SCRs Nanosecond Switching, Planar
More results

Similar Description - GA201

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
GA200 MICROSEMI-GA200 Datasheet
140Kb / 3P
SCRs Nanosecond Switching, Planar
GA300 MICROSEMI-GA300 Datasheet
132Kb / 3P
SCRs Commercial Nanosecond Switching Planar
logo
Electronic devices inc.
RC05 EDI-RC05 Datasheet
40Kb / 2P
FAST RECOVERY 200 NANOSECOND SILICON RECTIFIER
logo
Digitron Semiconductors
GA300 DIGITRON-GA300 Datasheet
141Kb / 3P
SILICON CONTROLLED RECTIFIER NANOSECOND SWITCHING PLANAR
logo
New Jersey Semi-Conduct...
IRF220 NJSEMI-IRF220 Datasheet
135Kb / 3P
Nanosecond Switching Speeds
logo
Inchange Semiconductor ...
BUZ20 ISC-BUZ20 Datasheet
66Kb / 2P
Nanosecond Switching Speeds
BUZ32 ISC-BUZ32 Datasheet
66Kb / 2P
Nanosecond Switching Speeds
IRF120 ISC-IRF120 Datasheet
48Kb / 2P
Nanosecond Switching Speeds
IRF253 ISC-IRF253 Datasheet
48Kb / 2P
Nanosecond Switching Speed
IRF305 ISC-IRF305 Datasheet
48Kb / 2P
Nanosecond Switching Speeds
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com