Electronic Components Datasheet Search
  English  ▼

X  

DP-03 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # DP-03
Description  Standard, piano and right angle models
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

DP-03 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  DP-03 Datasheet HTML 1Page - List of Unclassifed Manufacturers DP-03 Datasheet HTML 2Page - List of Unclassifed Manufacturers DP-03 Datasheet HTML 3Page - List of Unclassifed Manufacturers DP-03 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
F-10
APEM
www.apem.com
F
DA series
Right angle DIP switches
Raised actuator : DA
MODEL
STRUCTURE
• 2 to 12 positions
Model No No.
pos.
Dim "A"
Dim. "B"
DA-02
2
2,54 (.100)
DA-03
3
5,08 (.200)
DA-04
4
7,62 (.300)
DA-05
5
10,16 (.400)
DA-06
6
12,70 (.500)
DA-07
7
15,24 (.600)
DA-08
8
17,78 (.700)
DA-09
9
20,32 (.800)
DA-10
10
22,86 (.900)
DA-12
12
27,94 (1.100)
Top tape sealed : add "T" after model number.
8
7
6
5
4
3
2
1
9 10 11 12
B
6.20
1.40
1.50
(.100)
2.54
(.100)
2.54
(.038DIA)
ø0.97
A
(.059)
(.055)
(.244)
(.023)
0.60
(.100)
2.54
10
9
ON
1 2 3 4 5 6 7 8
6,44 (.253)
8,89 (.350)
11,52 (.453)
14,06 (.553)
16,60 (.653)
19,14 (.753)
21,68 (.853)
24,22 (.953)
26,76 (1.053)
31,84 (1.253)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com