Electronic Components Datasheet Search
  English  ▼

X  

C147M Datasheet(PDF) 1 Page - Digitron Semiconductors

Part # C147M
Description  HIGH POWER SILICON CONTROLLED RECTIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIGITRON [Digitron Semiconductors]
Direct Link  http://www.digitroncorp.com
Logo DIGITRON - Digitron Semiconductors

C147M Datasheet(HTML) 1 Page - Digitron Semiconductors

  C147M Datasheet HTML 1Page - Digitron Semiconductors C147M Datasheet HTML 2Page - Digitron Semiconductors C147M Datasheet HTML 3Page - Digitron Semiconductors C147M Datasheet HTML 4Page - Digitron Semiconductors C147M Datasheet HTML 5Page - Digitron Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
DIGITRON SEMICONDUCTORS
144 Market Street
Kenilworth NJ 07033 USA
phone +1.908.245-7200
C147A-C147PB
HIGH POWER SILICON CONTROLLED RECTIFIER
Available Non-RoHS (standard) or RoHS compliant (add PBF suffix).
Available as “HR” (high reliability) screened per MIL-PRF-19500, JANTX level. Add “HR” suffix to base part number.
MAXIMUM RATINGS
Repetitive peak off-state
voltage
Repetitive peak
reverse voltage
Non-repetitive peak
reverse voltage
VDRM1
VRRM1
VRSM1
Part number
TJ = -40° to 125°C
TJ = -40°C to
125°C
TJ = 125°C
Units
C147A
100
100
150
V
C147B
200
200
300
V
C147C
300
300
400
V
C147D
400
400
500
V
C147E
500
500
600
V
C147M
600
600
720
V
C147S
700
700
840
V
C147N
800
800
960
V
C147T
900
900
1080
V
C147P
1000
1000
1200
V
C147PA
1100
1100
1320
V
C147PB
1200
1200
1440
V
1: Pulse width: half sine wave waveform, 10 msec.
Rating
Symbol
Value
Unit
RMS on-state current
(All conduction angles)
IT(RMS)
63
A
Average on-state current
IT(AV)
Figures 2 and 3
Critical rate of rise of on-state current (non-repetitive)
Switching from 1200V
Switching from 600V
di/dt
100
200
A/µs
Peak one cycle surge (non-repetitive) on-state current
60Hz
50Hz
ITSM
1000
910
A
Fusing
Times ≥ 8.3ms
Times ≥ 1.5ms
I2t
4150
2850
A2s
Peak gate power dissipation for 150µs
PGM
100
W
Average gate power dissipation
PG(AV)
2
W
Storage temperature
Tstg
-40 to 150
°C
Operating temperature
TJ
-40 to 125
°C
Maximum stud torque
3-4
N-m
di/dt ratings for conditions of VDRM stated above; 20V, 20Ω gate trigger source with 0.5µsec short circuit trigger current rise time.
sales@digitroncorp.com
fax +1.908.245-0555
www.digitroncorp.com
Rev. 20130116


Similar Part No. - C147M

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
C147M NJSEMI-C147M Datasheet
119Kb / 2P
The C147 Silicon Controlled Rectifier
More results

Similar Description - C147M

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
C150P POWEREX-C150P Datasheet
1Mb / 5P
High Power Silicon Controlled Rectifier
logo
SemiHow Co.,Ltd.
MCK100-8 SEMIHOW-MCK100-8 Datasheet
384Kb / 5P
Silicon Controlled Rectifier
logo
Digitron Semiconductors
MCR3935 DIGITRON-MCR3935 Datasheet
153Kb / 3P
SILICON CONTROLLED RECTIFIER
MCR3818 DIGITRON-MCR3818 Datasheet
272Kb / 6P
SILICON CONTROLLED RECTIFIER
logo
New Jersey Semi-Conduct...
C137E NJSEMI-C137E Datasheet
182Kb / 3P
Silicon Controlled Rectifier
C180 NJSEMI-C180 Datasheet
121Kb / 2P
High Power Silicon Controlled Rectifier
C148 NJSEMI-C148 Datasheet
139Kb / 3P
HIGH SPEED Silicon Controlled Rectifier
C397 NJSEMI-C397 Datasheet
110Kb / 2P
HIGH SPEED Silicon Controlled Rectifier
C203 NJSEMI-C203 Datasheet
89Kb / 2P
Silicon Controlled Rectifier
C150 NJSEMI-C150 Datasheet
181Kb / 2P
High Power Silicon Controlled Rectifier
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com