Electronic Components Datasheet Search
  English  ▼

X  

LMZ7-SW40 Datasheet(PDF) 13 Page - Lumileds Lighting Company

Part # LMZ7-SW40
Description  Best combination of brightness, uniformity and luminance enabling precision light control
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMILEDS [Lumileds Lighting Company]
Direct Link  http://www.luxeon.com
Logo LUMILEDS - Lumileds Lighting Company

LMZ7-SW40 Datasheet(HTML) 13 Page - Lumileds Lighting Company

Back Button LMZ7-SW40 Datasheet HTML 9Page - Lumileds Lighting Company LMZ7-SW40 Datasheet HTML 10Page - Lumileds Lighting Company LMZ7-SW40 Datasheet HTML 11Page - Lumileds Lighting Company LMZ7-SW40 Datasheet HTML 12Page - Lumileds Lighting Company LMZ7-SW40 Datasheet HTML 13Page - Lumileds Lighting Company LMZ7-SW40 Datasheet HTML 14Page - Lumileds Lighting Company LMZ7-SW40 Datasheet HTML 15Page - Lumileds Lighting Company LMZ7-SW40 Datasheet HTML 16Page - Lumileds Lighting Company LMZ7-SW40 Datasheet HTML 17Page - Lumileds Lighting Company Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
LUXEON MZ Datasheet DS136 20140218 ©2014 Philips Lumileds Lighting Company.
12
Emitter Reel Packaging
Figure 11. Emitter reel packaging.
13.00mm ARBOR
HOLE DIAMETER
330.00 REEL DIAMETER
DIRECTION OF FEED
CARRIER TAPE
COVER TAPE
TAPE REEL
20.8mm OUTSIDE WIDTH
16.4mm INSIDE WIDTH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com