Electronic Components Datasheet Search
  English  ▼

X  

C229D Datasheet(PDF) 2 Page - Digitron Semiconductors

Part # C229D
Description  SILICON CONTROLLED RECTIFIER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIGITRON [Digitron Semiconductors]
Direct Link  http://www.digitroncorp.com
Logo DIGITRON - Digitron Semiconductors

C229D Datasheet(HTML) 2 Page - Digitron Semiconductors

  C229D Datasheet HTML 1Page - Digitron Semiconductors C229D Datasheet HTML 2Page - Digitron Semiconductors C229D Datasheet HTML 3Page - Digitron Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
DIGITRON SEMICONDUCTORS
144 Market Street
Kenilworth NJ 07033 USA
phone +1.908.245-7200
C228 SERIES
SILICON CONTROLLED RECTIFIER
C228()3 SERIES
C229 SERIES
Characteristic
Symbol
Min.
Typ.
Max.
Unit
Gate trigger current (continuous dc)
(VD = 12V, RL = 80Ω, TC = 25°C)
(VD = 6V, RL = 80Ω, TC = -40°C)
IGT
-
-
-
-
40
80
mA
Gate trigger voltage (continuous dc)
(VD = 12V, RL = 80Ω, TC = 25°C)
(VD = 6V, RL = 80Ω, TC = -40°C)
VGT
-
-
-
-
2.5
3
Volts
Gate trigger voltage
(Rated VDRM, RL = 1000Ω, TC = 125°C)
VGT
0.2
-
-
Volts
Holding current
(Anode voltage = 24V, gate open)
TC = 25°C
TC = -40°C
IH
-
-
-
-
75
150
mA
Turn-on time (td +tr)
(ITM = 35A, IGT = 40mA)
ton
-
1
-
µs
Turn-off time
(ITM = 10A, IR = 10A)
(ITM = 10A, IR = 10A, TC = 100°C)
toff
-
-
20
35
-
-
µs
Forward voltage application rate
(TC = 100°C)
dv/dt
-
50
-
V/µs
MECHANICAL CHARACTERISTICS
fax +1.908.245-0555
sales@digitroncorp.com
www.digitroncorp.com
Rev. 20130128
Case
Digi PF1 (C229 SERIES)
Marking
Body painted, alpha-numeric
DIGI PF1
Inches
Millimeters
Min
Max
Min
Max
A
0.501
0.505
12.730
12.830
F
-
0.160
-
4.060
G
0.085
0.095
2.160
2.410
H
0.060
0.070
1.520
1.780
J
0.300
0.350
7.620
8.890
K
-
1.050
-
26.670
L
-
0.670
-
17.020
Q
0.055
0.085
1.400
2.160



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com