Electronic Components Datasheet Search
  English  ▼

X  

C232C Datasheet(PDF) 1 Page - Digitron Semiconductors

Part # C232C
Description  SILICON CONTROLLED RECTIFIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIGITRON [Digitron Semiconductors]
Direct Link  http://www.digitroncorp.com
Logo DIGITRON - Digitron Semiconductors

C232C Datasheet(HTML) 1 Page - Digitron Semiconductors

  C232C Datasheet HTML 1Page - Digitron Semiconductors C232C Datasheet HTML 2Page - Digitron Semiconductors C232C Datasheet HTML 3Page - Digitron Semiconductors C232C Datasheet HTML 4Page - Digitron Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
DIGITRON SEMICONDUCTORS
144 Market Street
Kenilworth NJ 07033 USA
phone +1.908.245-7200
fax +1.908.245-0555
sales@digitroncorp.com
www.digitroncorp.com
Rev. 20130128
C230, C231 SERIES
SILICON CONTROLLED RECTIFIER
C230()3, C231()3 SERIES
C232, C233 SERIES
Available Non-RoHS (standard) or RoHS compliant (add PBF suffix).
Available as “HR” (high reliability) screened per MIL-PRF-19500, JANTX level. Add “HR” suffix to base part number.
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Peak repetitive off state voltage(1)
(TJ = -40 to +100°C)
C230F, C231F, C230F3, C231F3, C232F, C233F
C230A, C231A, C230A3, C231A3, C232A, C233A
C230B, C231B, C230B3, C231B3, C232B, C233B
C230C, C231C, C230C3, C231C3, C232C, C233C
C230D, C231D, C230D3, C231D3, C232D, C233D
C230E, C231E, C230E3, C231E3, C232E, C233E
C230M, C231M, C230M3, C231M3, C232M, C233M
VRRM, VDRM
50
100
200
300
400
500
600
Volts
Peak non-repetitive reverse voltage
(TJ = -40 to +100°C)
C230F, C231F, C230F3, C231F3, C232F, C233F
C230A, C231A, C230A3, C231A3, C232A, C233A
C230B, C231B, C230B3, C231B3, C232B, C233B
C230C, C231C, C230C3, C231C3, C232C, C233C
C230D, C231D, C230D3, C231D3, C232D, C233D
C230E, C231E, C230E3, C231E3, C232E, C233E
C230M, C231M, C230M3, C231M3, C232M, C233M
VRSM
75
150
300
400
500
600
720
Volts
Forward current RMS
IT(RMS)
25
Amps
Peak surge current
(one cycle, 60Hz, TC = -40 to +100°C)
ITSM
250
Amps
Circuit fusing considerations
(TC = -40 to +100°C, t = 8.3ms)
I2t
260
A2s
Peak gate power
PGM
5
Watts
Average gate power
PG(AV)
0.5
Watts
Peak forward gate current
IGM
2
Amps
Operating junction temperature range
TJ
-40 to +100
°C
Storage temperature range
Tstg
-40 to +125
°C
Mounting torque
30
In. lb.
Note 1: VDRM and VRRM for all types can be applied on a continuous basis without incurring damage. Ratings apply for zero or negative gate voltage. Devices shall not have a
positive bias applied to the gate concurrently with a negative potential on the anode.
THERMAL CHARACTERISTICS
Characteristic
Symbol
Maximum
Unit
Thermal resistance, junction to case
Pressfit
Isolated stud
R
ӨJC
1
1.15
°C/W
ELECTRICAL CHARACTERISTICS (TC = 25°C unless otherwise noted)
Characteristic
Symbol
Min.
Typ.
Max.
Unit
Peak forward or reverse blocking current
(Rated VDRM or VRRM, gate open)
TC = 25°C
TC = 100°C
IDRM, IRRM
-
-
-
-
10
1
µA
mA
Forward “on” voltage
(ITM = 100A peak, pulse width ≤ 1ms, duty cycle ≤ 2%)
VTM
-
-
1.9
Volts


Similar Part No. - C232C

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
C232 MOTOROLA-C232 Datasheet
123Kb / 3P
Silicon Controlled Rectifier
logo
New Jersey Semi-Conduct...
C232 NJSEMI-C232 Datasheet
154Kb / 2P
Silicon Controlled Rectifier
logo
Mitsubishi Electric Sem...
C2320 MITSUBISHI-C2320 Datasheet
492Kb / 2P
NPN Epitaxial Planar Silicon Transistor
logo
Anaren Microwave
C2327J5003AHF ANAREN-C2327J5003AHF Datasheet
271Kb / 6P
Ultra Low Profile 0805 3 dB, 90째 Hybrid Coupler
logo
Unisonic Technologies
C2328A UTC-C2328A Datasheet
119Kb / 2P
AUDIO POWER AMPLIFIER
More results

Similar Description - C232C

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CZS5064 CENTRAL-CZS5064 Datasheet
94Kb / 2P
SILICON CONTROLLED RECTIFIER
CS18B CENTRAL-CS18B Datasheet
76Kb / 2P
SILICON CONTROLLED RECTIFIER
logo
SemiHow Co.,Ltd.
MCK100-8 SEMIHOW-MCK100-8 Datasheet
384Kb / 5P
Silicon Controlled Rectifier
logo
Digitron Semiconductors
MCR3935 DIGITRON-MCR3935 Datasheet
153Kb / 3P
SILICON CONTROLLED RECTIFIER
MCR3818 DIGITRON-MCR3818 Datasheet
272Kb / 6P
SILICON CONTROLLED RECTIFIER
MCR1718 DIGITRON-MCR1718 Datasheet
118Kb / 2P
SILICON CONTROLLED RECTIFIER
BRY55 DIGITRON-BRY55 Datasheet
177Kb / 2P
SILICON CONTROLLED RECTIFIER
2N877 DIGITRON-2N877 Datasheet
372Kb / 5P
SILICON CONTROLLED RECTIFIER
logo
New Jersey Semi-Conduct...
C137E NJSEMI-C137E Datasheet
182Kb / 3P
Silicon Controlled Rectifier
C203 NJSEMI-C203 Datasheet
89Kb / 2P
Silicon Controlled Rectifier
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com