Electronic Components Datasheet Search
  English  ▼

X  

C232E Datasheet(PDF) 2 Page - Digitron Semiconductors

Part # C232E
Description  SILICON CONTROLLED RECTIFIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIGITRON [Digitron Semiconductors]
Direct Link  http://www.digitroncorp.com
Logo DIGITRON - Digitron Semiconductors

C232E Datasheet(HTML) 2 Page - Digitron Semiconductors

  C232E Datasheet HTML 1Page - Digitron Semiconductors C232E Datasheet HTML 2Page - Digitron Semiconductors C232E Datasheet HTML 3Page - Digitron Semiconductors C232E Datasheet HTML 4Page - Digitron Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
DIGITRON SEMICONDUCTORS
144 Market Street
Kenilworth NJ 07033 USA
phone +1.908.245-7200
C230, C231 SERIES
SILICON CONTROLLED RECTIFIER
C230()3, C231()3 SERIES
C232, C233 SERIES
Characteristic
Symbol
Min.
Typ.
Max.
Unit
Gate trigger current (C230, C230()3, C232 series)
(VD = 12V, RL = 120Ω)
(VD = 12V, RL = 60Ω, TC = -40°C)
IGT
-
-
-
-
25
40
mA
Gate trigger current (C231, C231()3, C233 series)
(VD = 12V, RL = 120Ω)
(VD = 12V, RL = 60Ω, TC = -40°C)
IGT
-
-
-
-
9
20
mA
Gate trigger voltage (continuous dc)
(VD = 12V, RL = 120Ω)
(VD = 12V, RL = 60Ω, TC = -40°C)
(VD = Rated VDRM, RL = 1000Ω, TC = 100°C)
VGT
-
-
0.2
-
-
-
1.5
2
-
Volts
Holding current
(VD = 24V, gate open, IT = 0.5A)
TC = 25°C
TC = -40°C
IH
-
-
-
-
50
100
mA
Turn-on time (td +tr)
(ITM = 25A, IGT = 40mA, VD = Rated VDRM)
tgt
-
1
-
µs
Turn-off time
(ITM = 10A, IR = 10A, pulse width = 50µs, dv/dt = 20V/µs,
VD = Rated VDRM)
(TC = 100°C)
tq
-
-
25
35
-
-
µs
Forward voltage application rate
(VD = rated VDRM, TC = 100°C)
dv/dt
-
100
-
V/µs
MECHANICAL CHARACTERISTICS
fax +1.908.245-0555
sales@digitroncorp.com
www.digitroncorp.com
Rev. 20130128
Case
Digi PF2 (C232 and C233 SERIES)
Marking
Body painted, alpha-numeric
DIGI PF2
Inches
Millimeters
Min
Max
Min
Max
A
0.501
0.505
12.730
12.830
B
0.465
0.475
11.810
12.060
C
0.330
0.380
8.390
9.650
E
0.100
-
2.540
-
F
0.035
0.085
0.890
2.160
J
0.080
0.097
2.040
2.460
K
-
0.800
-
20.320
N
-
0.510
-
12.950
Q
0.065
0.160
1.650
4.060



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com