Electronic Components Datasheet Search
  English  ▼

X  

UCAM-II Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # UCAM-II
Description  Serial Camera Module
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

UCAM-II Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button UCAM-II Datasheet HTML 4Page - List of Unclassifed Manufacturers UCAM-II Datasheet HTML 5Page - List of Unclassifed Manufacturers UCAM-II Datasheet HTML 6Page - List of Unclassifed Manufacturers UCAM-II Datasheet HTML 7Page - List of Unclassifed Manufacturers UCAM-II Datasheet HTML 8Page - List of Unclassifed Manufacturers UCAM-II Datasheet HTML 9Page - List of Unclassifed Manufacturers UCAM-II Datasheet HTML 10Page - List of Unclassifed Manufacturers UCAM-II Datasheet HTML 11Page - List of Unclassifed Manufacturers UCAM-II Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
4D SYSTEMS
µCAM-II
© 2014 4D SYSTEMS
Page 8 of 22
www.4dsystems.com.au
6. Command Set
Command
ID Number
Parameter1
Parameter2
Parameter3
Parameter4
INITIAL
AA01h
00h
Image Format
RAW Resolution (Still
Image only)
JPEG Resolution
GET PICTURE
AA04h
Picture Type
00h
00h
00h
SNAPSHOT
AA05h
Snapshot Type
Skip Frame (Low Byte)
Skip Frame (High Byte)
00h
SET PACKAGE
SIZE
AA06h
08h
Package Size (Low Byte)
Package Size (High Byte)
00h
Set Baud Rate
AA07h
1st Divider
2nd Divider
00h
00h
RESET
AA08h
Reset Type
00h
00h
XXh*
DATA
AA0Ah
Data Type
Length Byte 0
Length Byte 1
Length Byte 2
SYNC
AA0Dh
00h
00h
00h
00h
ACK
AA0Eh
Command ID
ACK Counter
00h / Package ID Byte 0
00h / Package ID Byte 1
NAK
AA0Fh
00h
NAK Counter
Error Number
00h
LIGHT
AA13h
Frequency Type
00h
00h
00h
*If the parameter is 0xFF, the command is a special Reset command and the module responds to it
immediately.
6.1. INITIAL (AA01h)
The host issues this command to configure the image size and Image Format. After receiving this command, the
module will send out an ACK command to the host if the configuration was successful. Otherwise, a NAK
command will be sent out.
6.1.1. Image Format
The uCAM-II can support 4 different image formats as follow:
8-bit Gray Scale (RAW, 8-bit for Y only)
03h
16-bit Colour (RAW, CrYCbY)
08h
16-bit Colour (RAW, 565(RGB))
06h
JPEG
07h
6.1.2. RAW Resolution
The uCAM-II can support 4 different image resolutions when in RAW mode:
80 x 60
01h
160 x 120
03h
128 x 128
09h
128 x 96
0Bh
6.1.3. JPEG Resolution
The uCAM-II embedded JPEG Code can support only multiples of 16 pixels, therefore the JPEG mode can only
support following image sizes. It is different from the RAW mode.
160 x 128
03h
320 x 240
05h
640 x 480
07h
6.2. GET PICTURE (AA04h)
The host issues this command to request a picture from the uCAM-II.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com