Electronic Components Datasheet Search
  English  ▼

X  

BY448 Datasheet(PDF) 1 Page - Digitron Semiconductors

Part # BY448
Description  STANDARD RECOVERY RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIGITRON [Digitron Semiconductors]
Direct Link  http://www.digitroncorp.com
Logo DIGITRON - Digitron Semiconductors

BY448 Datasheet(HTML) 1 Page - Digitron Semiconductors

  BY448 Datasheet HTML 1Page - Digitron Semiconductors BY448 Datasheet HTML 2Page - Digitron Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DIGITRON SEMICONDUCTORS
144 Market Street
Kenilworth NJ 07033 USA
phone +1.908.245-7200
BY448 & BY458
STANDARD RECOVERY RECTIFIERS
MAXIMUM RATINGS (TJ = 25°C)
Parameters
Test Conditions
Type
Symbol
Value
Unit
BY448
1500
Reverse voltage
BY458
VR = VRRM
1200
V
Peak forward surge current
tp = 10ms, half sine wave
IFSM
30
A
Average forward current
IFAV
2
A
Non repetitive reverse
avalanche energy
I(BR)R = 0.4A
ER
10
mJ
Junction temperature
TJ
140
°C
Storage temperature range
TSTG
-55 to +175
°C
Junction ambient
I = 10mm, TL = constant
RthJA
45
K/W
Junction ambient
On PC board with spacing 25mm
RthJA
100
K/W
ELECTRICAL CHARACTERISTICS (TJ = 25°)
Parameter
Test Conditions
Symbol
Maximum
Unit
Forward voltage
IF = 3A
VF
1.6
V
VR = VRRM
IR
3
µA
Reverse current
VR = VRRM, TJ = 140°C
IR
140
µA
Total reverse recovery time
IF = 1A, -diF/dt = 0.05A/µs
trr
20
µs
Reverse recovery time
IF = 0.5A, IR = 1A, IR = 0.25A
trr
2
µs
MECHANICAL CHARACTERISTICS
Case
SOD-57
Marking
Body painted, alpha-numeric
Polarity
Cathode band
Available Non-RoHS (standard) or RoHS compliant (add PBF suffix).
Available as “HR” (high reliability) screened per MIL-PRF-19500, JANTX level. Add “HR” suffix to base part number.
sales@digitroncorp.com
fax +1.908.245-0555
www.digitroncorp.com
Rev. 20121214


Similar Part No. - BY448

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BY448 PHILIPS-BY448 Datasheet
52Kb / 7P
Damper diode
1996 Sep 26
logo
Vishay Siliconix
BY448 VISHAY-BY448 Datasheet
36Kb / 3P
Silicon Mesa Rectifiers
24-Jun-98
BY448 VISHAY-BY448 Datasheet
124Kb / 5P
Standard Avalanche Sinterglass Diode
14-Apr-05
logo
Gulf Semiconductor
BY448 GULFSEMI-BY448 Datasheet
83Kb / 2P
SINTERED GLASS JUNCTION AVALANCHE RECTIFIER VOLTAGE:1500V CURRENT: 2.0A
logo
Vishay Siliconix
BY448 VISHAY-BY448 Datasheet
113Kb / 4P
Standard Avalanche Sinterglass Diode
09-Aug-10
More results

Similar Description - BY448

ManufacturerPart #DatasheetDescription
logo
PACELEADER INDUSTRIAL
GL341A PACELEADER-GL341A Datasheet
383Kb / 2P
STANDARD RECOVERY RECTIFIERS
logo
New Jersey Semi-Conduct...
1N3288A NJSEMI-1N3288A Datasheet
61Kb / 1P
Rectifiers Standard Recovery
logo
Digitron Semiconductors
UT2005 DIGITRON-UT2005 Datasheet
157Kb / 3P
STANDARD RECOVERY RECTIFIERS
A14A DIGITRON-A14A Datasheet
106Kb / 2P
STANDARD RECOVERY RECTIFIERS
1N4001 DIGITRON-1N4001 Datasheet
150Kb / 3P
STANDARD RECOVERY RECTIFIERS
1N3670A DIGITRON-1N3670A Datasheet
162Kb / 3P
STANDARD RECOVERY RECTIFIERS
1N3611 DIGITRON-1N3611 Datasheet
548Kb / 2P
STANDARD RECOVERY RECTIFIERS
1N3208 DIGITRON-1N3208 Datasheet
136Kb / 2P
STANDARD RECOVERY RECTIFIERS
logo
Continental Device Indi...
1N4001 CDIL-1N4001 Datasheet
303Kb / 3P
STANDARD RECOVERY RECTIFIERS
logo
Bruckewell Technology L...
1N4001S-7S BWTECH-1N4001S-7S Datasheet
395Kb / 4P
STANDARD RECOVERY RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com