Electronic Components Datasheet Search
  English  ▼

X  

3N205 Datasheet(PDF) 2 Page - Digitron Semiconductors

Part # 3N205
Description  DUAL GATE MOSFET
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIGITRON [Digitron Semiconductors]
Direct Link  http://www.digitroncorp.com
Logo DIGITRON - Digitron Semiconductors

3N205 Datasheet(HTML) 2 Page - Digitron Semiconductors

  3N205 Datasheet HTML 1Page - Digitron Semiconductors 3N205 Datasheet HTML 2Page - Digitron Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
DIGITRON SEMICONDUCTORS
144 Market Street
Kenilworth NJ 07033 USA
phone +1.908.245-7200
3N204-3N205
DUAL GATE MOSFET
MECHANICAL CHARACTERISTICS
Case:
TO-72
Inches
Millimeters
Dim
Min
Max
Min
Max
A
-
0.230
-
5.840
B
-
0.195
-
4.950
C
-
0.210
-
5.330
D
-
0.021
-
0.530
E
-
0.030
-
0.760
F
-
0.019
-
0.480
G
0.100 BSC
2.540 BSC
H
-
0.046
-
1.170
J
-
0.0480
-
1.220
K
0.500
-
12.700
-
L
0.250
-
6.350
-
M
45°C BSC
45°C BSC
N
0.050 BSC
1.270 BSC
P
-
0.050
-
1.270
Available Non-RoHS (standard) or RoHS compliant (add PBF suffix).
Available as “HR” (high reliability) screened per MIL-PRF-19500, JANTX level. Add “HR” suffix to base part number.
sales@digitroncorp.com
fax +1.908.245-0555
www.digitroncorp.com
Rev. 20120705



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com