Electronic Components Datasheet Search
  English  ▼

X  

2N5166 Datasheet(PDF) 2 Page - Digitron Semiconductors

Part # 2N5166
Description  SILICON CONTROLLED RECTIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIGITRON [Digitron Semiconductors]
Direct Link  http://www.digitroncorp.com
Logo DIGITRON - Digitron Semiconductors

2N5166 Datasheet(HTML) 2 Page - Digitron Semiconductors

  2N5166 Datasheet HTML 1Page - Digitron Semiconductors 2N5166 Datasheet HTML 2Page - Digitron Semiconductors 2N5166 Datasheet HTML 3Page - Digitron Semiconductors 2N5166 Datasheet HTML 4Page - Digitron Semiconductors 2N5166 Datasheet HTML 5Page - Digitron Semiconductors 2N5166 Datasheet HTML 6Page - Digitron Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
DIGITRON SEMICONDUCTORS
144 Market Street
Kenilworth NJ 07033 USA
phone +1.908.245-7200
2N5164-2N5171
SILICON CONTROLLED RECTIFIER
Characteristic
Symbol
Min.
Max.
Unit
Peak on state voltage
(pulse width = 1ms max., duty cycle ≤ 1%)
(ITM = 20A)
(ITM = 41A)
VTM
-
8
1.5
1.7
Volts
Holding current
(VD = 7Vdc, gate open)
(VD = 7Vdc, gate open ,TC = -40°C)
IH
-
-
50
90
mA
Typical
Gate controlled turn-on time
(ITM = 20A, IGT = 40mA, VD = rated VDRM)
tgt
1
µs
Circuit commutated turn-off time
(ITM = 10A, IR = 10A)
(ITM = 10A, IR = 10A, TJ = 100°C)
(VD = VDRM = rated voltage)
(dv/dt = 30V/µs)
tq
20
30
µs
Critical rate of rise of off-state voltage
(VD = rated VDRM, exponential waveform, TJ = 100°C, gate open)
dv/dt
50
V/µs
Note 1: Devices should not be operated with a positive bias applied to the gate concurrent with a negative potential applied to the anode.
MECHANICAL CHARACTERISTICS
Case
Digi PF1 (2N5164-2N5167)
Marking
Body painted, alpha-numeric
DIGI PF1
Inches
Millimeters
Min
Max
Min
Max
A
0.501
0.505
12.730
12.830
F
-
0.160
-
4.060
G
0.085
0.095
2.160
2.410
H
0.060
0.070
1.520
1.780
J
0.300
0.350
7.620
8.890
K
-
1.050
-
26.670
L
-
0.670
-
17.020
Q
0.055
0.085
1.400
2.160
fax +1.908.245-0555
sales@digitroncorp.com
www.digitroncorp.com
Rev. 20130117



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com