Electronic Components Datasheet Search
  English  ▼

X  

2N4444 Datasheet(PDF) 2 Page - Digitron Semiconductors

Part # 2N4444
Description  SILICON CONTROLLED RECTIFIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIGITRON [Digitron Semiconductors]
Direct Link  http://www.digitroncorp.com
Logo DIGITRON - Digitron Semiconductors

2N4444 Datasheet(HTML) 2 Page - Digitron Semiconductors

  2N4444 Datasheet HTML 1Page - Digitron Semiconductors 2N4444 Datasheet HTML 2Page - Digitron Semiconductors 2N4444 Datasheet HTML 3Page - Digitron Semiconductors 2N4444 Datasheet HTML 4Page - Digitron Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
DIGITRON SEMICONDUCTORS
144 Market Street
Kenilworth NJ 07033 USA
phone +1.908.245-7200
2N4441-2N4444
SILICON CONTROLLED RECTIFIER
Characteristic
Symbol
Min.
Typ.
Max.
Unit
Gate trigger voltage (continuous dc)
(VD = 7 Vdc, RL = 100 Ω)
(VD = 7 Vdc, RL = 100 Ω)
(VD = Rated VDRM, RL = 100 Ω)
TC = 25°C
TC = -40°C
TC = 100°C
VGT
-
-
0.2
0.75
-
-
1.5
2.5
-
Volts
Peak on state voltage
(pulse width = 1 to 2ms, duty cycle ≤ 2%)
(ITM = 5A peak)
(ITM = 15.7A peak)
VTM
-
-
1
-
1.5
2
Volts
Holding current
(VD = 7Vdc, gate open)
TC = 25°C
TC = -40°C
IH
-
-
6
-
40
70
mA
Gate controlled turn-on time
(ITM = 5A, IGT = 20mA, VD = rated VDRM)
tgt
-
1
-
µs
Circuit commutated turn-off time
(ITM = 5A, IR = 5A)
(ITM = 5A, IR = 5A, TJ = 100°C)
tq
-
-
15
20
-
-
µs
Critical rate of rise of off-state voltage
(VD = rated VDRM, exponential waveform, TJ = 100°C, gate open)
dv/dt
-
50
-
V/µs
MECHANICAL CHARACTERISTICS
Case
TO-127
Marking
Body painted, alpha-numeric
Pin out
See below
TO-127
Inches
Millimeters
Min
Max
Min
Max
A
0.635
0.645
16.130
16.380
B
0.495
0.505
12.570
12.830
C
0.125
0.135
3.180
3.430
D
0.043
0.049
1.090
1.240
F
0.138
0.148
3.510
3.760
G
0.166 BSC
4.220 BSC
H
0.105
0.115
2.670
2.920
J
0.032
0.034
0.813
0.864
K
0.595
0.645
15.110
16.380
M
9° TYP
9° TYP
Q
0.185
0.195
4.700
4.950
R
0.075
0.085
1.910
2.160
U
0.245
0.255
6.220
6.480
V
0.080
-
2.030
-
fax +1.908.245-0555
sales@digitroncorp.com
www.digitroncorp.com
Rev. 20130117



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com