Electronic Components Datasheet Search
  English  ▼

X  

RM10Z Datasheet(PDF) 3 Page - Sanken electric

Part # RM10Z
Description  Silicon Rectifier Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

RM10Z Datasheet(HTML) 3 Page - Sanken electric

  RM10Z Datasheet HTML 1Page - Sanken electric RM10Z Datasheet HTML 2Page - Sanken electric RM10Z Datasheet HTML 3Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
SANKEN ELECTRIC CO., LTD.
RM10Z
040722
3/3
61426-01
7 Package information
7-1 Package type, physical dimensions and material
*1
The allowance position of Body against the center of whole lead wire is 0.5mm(max.)
*2
The centric allowance of lead wire against center of physical body is 0.3mm(max.)
*3
The burr may exit up to 2mm from the body of lead
Dimensions in mm
7-2 Appearance
The body shall be clean and shall not bear any stain, rust or flaw.
7-3 Marking
カソード表示
Cathode Band
①
②
③
①
②
③
The color of marking must be white.
① Type number:RM10Z
② Lot number 1
First digit: Last digit of Year
Second digit: Month
From 1 to 9 for Jan. to Sep.
O for Oct., N for Nov., and D for Dec.
③ Lot number 2 (ten days)
・
Top of the month
・・
Middle of month
・・・
End of month
④ 品名表示
RM10Z
Type number
RM10Z
⑤ 密番 1
Lot number 1
一桁目: 西暦年号の末尾一桁
First digit: Last digit of Year
二桁目: 月
Second digit: Month
1~9 はアラビア数字
From 1 to 9 for Jan. to Sep.
10 月は O、11 月は N、12 月は D で表す。
O for Oct., N for Nov., and D for Dec.
⑥ 密番 2
Lot number 2 (ten days)
・:
上旬
Top of the month
・・: 中旬
Middle of month
・・・: 下旬
End of month
62.5 ±0.7
7.2±0.2
※1
※3
※2
Cathode Mark



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com