Electronic Components Datasheet Search
  English  ▼

X  

ADA4692 Datasheet(PDF) 2 Page - Analog Devices

Part # ADA4692
Description  Low Power, 3.6 MHz, Low Noise, Rail-to - Rail Output, Operational Amplifiers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4692 Datasheet(HTML) 2 Page - Analog Devices

  ADA4692 Datasheet HTML 1Page - Analog Devices ADA4692 Datasheet HTML 2Page - Analog Devices ADA4692 Datasheet HTML 3Page - Analog Devices ADA4692 Datasheet HTML 4Page - Analog Devices ADA4692 Datasheet HTML 5Page - Analog Devices ADA4692 Datasheet HTML 6Page - Analog Devices ADA4692 Datasheet HTML 7Page - Analog Devices ADA4692 Datasheet HTML 8Page - Analog Devices ADA4692 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
ADA4691-2/ADA4691-4/ADA4692-2/ADA4692-4
Rev. D | Page 2 of 20
TABLE OF CONTENTS
Features .............................................................................................. 1
 
Applications....................................................................................... 1
 
General Description ......................................................................... 1
 
Revision History ............................................................................... 2
 
Specifications..................................................................................... 3
 
Electrical Characteristics—2.7 V Operation ............................ 3
 
Electrical Characteristics—5 V Operation................................ 4
 
Absolute Maximum Ratings............................................................ 6
 
Thermal Resistance ...................................................................... 6
 
ESD Caution...................................................................................6
 
Pin Configurations ............................................................................7
 
Typical Performance Characteristics ..............................................8
 
Shutdown Operation...................................................................... 16
 
Input Pin Characteristics........................................................... 16
 
Input Threshold.......................................................................... 16
 
Outline Dimensions ....................................................................... 17
 
Ordering Guide .......................................................................... 20
 
REVISION HISTORY
11/10—Rev. C to Rev. D
Changed 5 V to 6 V in Endnote 2, Table 4 .................................... 6
12/09—Rev. B to Rev. C
Added ADA4691-4, 16-Lead LFCSP .......................... Throughout
Added Figure 1, Figure 2, and Table 1; Renumbered
Sequentially ....................................................................................... 1
Changes to Applications Section and General Description
Section................................................................................................ 1
Changes to Table 1............................................................................ 3
Changes to Table 2............................................................................ 4
Changes to Table 4............................................................................ 6
Updated Outline Dimensions ....................................................... 17
Changes to Ordering Guide .......................................................... 20
9/09—Rev. A to Rev. B
Added ADA4691-2, 9-Ball WLCSP; ADA4692-2, 8-Lead
LFCSP; and ADA4692-4, 14-Lead TSSOP................. Throughout
Changes to General Description .................................................... 1
Updated Outline Dimensions ....................................................... 16
Changes to Ordering Guide .......................................................... 17
6/09—Rev. 0 to Rev. A
Added ADA4691-2, 10 Lead LFCSP........................... Throughout
Changes to Table 1.............................................................................3
Changes to Table 2.............................................................................4
Changes to Captions for Figure 40, Figure 41, Figure 43, and
Figure 44 .......................................................................................... 13
Added Shutdown Operations Section ......................................... 15
Updated Outline Dimensions....................................................... 16
Changes to Ordering Guide .......................................................... 16
3/09—Revision 0: Initial Version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com