Electronic Components Datasheet Search
  English  ▼

X  

ADA4692-2 Datasheet(PDF) 12 Page - Analog Devices

Part # ADA4692-2
Description  Low Power, 3.6 MHz, Low Noise, Rail-to - Rail Output, Operational Amplifiers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4692-2 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADA4692-2 Datasheet HTML 8Page - Analog Devices ADA4692-2 Datasheet HTML 9Page - Analog Devices ADA4692-2 Datasheet HTML 10Page - Analog Devices ADA4692-2 Datasheet HTML 11Page - Analog Devices ADA4692-2 Datasheet HTML 12Page - Analog Devices ADA4692-2 Datasheet HTML 13Page - Analog Devices ADA4692-2 Datasheet HTML 14Page - Analog Devices ADA4692-2 Datasheet HTML 15Page - Analog Devices ADA4692-2 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
ADA4691-2/ADA4691-4/ADA4692-2/ADA4692-4
Rev. D | Page 12 of 20
1k
100
10
0.1
1
10
100
1k
10k
FREQUENCY (Hz)
ADA4692-2
VSY = ±1.35V
TA = 25°C
Figure 33. Voltage Noise Density vs. Frequency
50
0
5
10
15
20
25
30
35
40
45
10
100
1k
CAPACITANCE (pF)
ADA4692-2
VSY = ±1.35V
VIN = 100mV p-p
AV = +1
RL = 2kΩ
TA = 25°C
OVERSHOOT+
OVERSHOOT–
Figure 34. Small Signal Overshoot vs. Load Capacitance
TIME (2µs/DIV)
ADA4692-2
VSY = ±1.35V
GAIN = +1
RL = 2kΩ
CL = 300pF
TA = 25°C
Figure 35. Large Signal Transient Response
1k
100
10
0.1
1
10
100
1k
10k
FREQUENCY (Hz)
ADA4692-2
VSY = ±2.5V
TA = 25°C
Figure 36. Voltage Noise Density vs. Frequency
45
0
5
10
15
20
25
30
35
40
10
100
1k
CAPACITANCE (pF)
ADA4692-2
VSY = ±2.5V
VIN = 100mV p-p
AV = +1
RL = 2kΩ
TA = 25°C
OVERSHOOT+
OVERSHOOT–
Figure 37. Small Signal Overshoot vs. Load Capacitance
ADA4692-2
VSY = ±2.5V
GAIN = +1
RL = 2kΩ,
CL = 300pF
TA = 25°C
TIME (2µs/DIV)
Figure 38. Large Signal Transient Response



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com