Electronic Components Datasheet Search
  English  ▼

X  

AD8592 Datasheet(PDF) 9 Page - Analog Devices

Part # AD8592
Description  Low Power, 3.6 MHz, Low Noise, Rail-to - Rail Output, Operational Amplifiers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8592 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD8592 Datasheet HTML 5Page - Analog Devices AD8592 Datasheet HTML 6Page - Analog Devices AD8592 Datasheet HTML 7Page - Analog Devices AD8592 Datasheet HTML 8Page - Analog Devices AD8592 Datasheet HTML 9Page - Analog Devices AD8592 Datasheet HTML 10Page - Analog Devices AD8592 Datasheet HTML 11Page - Analog Devices AD8592 Datasheet HTML 12Page - Analog Devices AD8592 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
ADA4691-2/ADA4691-4/ADA4692-2/ADA4692-4
Rev. D | Page 9 of 20
1k
0.01
0.1
1
10
100
25
125
115
105
95
85
75
65
55
45
35
TEMPERATURE (°C)
ADA4692-2
VSY = ±1.35V
TA = 25°C
AVERAGE 20 CHANNELS
Figure 15. Input Bias Current vs. Temperature
1k
0.001
0.01
0.1
1
10
100
02.7
2.4
2.1
1.8
1.5
1.2
0.9
0.6
0.3
VCM (V)
ADA4692-2
VSY = 2.7V
AVERAGE 20 CHANNELS
TA = 125°C
TA = 85°C
TA = 25°C
Figure 16. Input Bias Current vs. Common-Mode Voltage
10k
0.01
0.1
1
10
100
1k
0.001
100
10
1
0.1
0.01
ILOAD (mA)
ADA4692-2
VSY = ±1.35V
VOH = (V+) – VOUT
(SOURCING)
TA = +125°C
TA = +85°C
TA = +25°C
TA = –40°C
Figure 17. Output Voltage (VOH) to Supply Rail vs. Load Current
1k
0.01
0.1
1
10
100
25
125
115
105
95
85
75
65
55
45
35
TEMPERATURE (°C)
ADA4692-2
VSY = ±2.5V
TA = 25°C
AVERAGE 20 CHANNELS
Figure 18. Input Bias Current vs. Temperature
1k
0.01
0.1
1
10
100
05
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
VCM (V)
.0
ADA4692-2
VSY = 5V
AVERAGE 20 CHANNELS
TA = 125°C
TA = 85°C
TA = 25°C
Figure 19. Input Bias Current vs. Common-Mode Voltage
10k
0.01
0.1
1
10
100
1k
0.001
100
10
1
0.1
0.01
ILOAD (mA)
ADA4692-2
VSY = ±2.5V
VOH = (V+) – VOUT
(SOURCING)
TA = +125°C
TA = –40°C
TA = +25°C
TA = +85°C
Figure 20. Output Voltage (VOH) to Supply Rail vs. Load Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com