Electronic Components Datasheet Search
  English  ▼

X  

AL17 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # AL17
Description  Lock Kit for Cla mp Cover Junction Boxes
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AL17 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  AL17 Datasheet HTML 1Page - List of Unclassifed Manufacturers AL17 Datasheet HTML 2Page - List of Unclassifed Manufacturers AL17 Datasheet HTML 3Page - List of Unclassifed Manufacturers AL17 Datasheet HTML 4Page - List of Unclassifed Manufacturers AL17 Datasheet HTML 5Page - List of Unclassifed Manufacturers AL17 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Spec-00479 G
4
PH 763.422.2211 • FAX 763.422.2600 • HOFFMANONLINE.COM
EQUIPMENT PROTECTION SOLUTIONS
Accessories
Locks, Lockouts, LAtches, hAndLes And cLAmps handLes
handLes
poWergLide™ hAndLes
Easy-to-install medium-size
POWERGLIDE Handles fit into
existing handle holes. They are
available in clockwise and counter-
clockwise non-defeater models and
a clockwise defeater model. The
clockwise defeater model includes
door hardware for Bulletin A25
enclosures.
Bulletin: A80
Catalog Number
Description
AL55CW
Medium POWERGLIDE Handle - Clockwise Opening
AL55CCW
Medium POWERGLIDE Handle - Counter-Clockwise Opening
AL55CWD
Medium POWERGLIDE Handle - Clockwise Opening with Defeater and Door Hardware
hAndLe kit
Non-metallic handle for small
enclosures. Includes four rubber
bumpers that mount on back of
enclosure to protect exterior
finish. All mounting hardware and
complete installation instructions
are provided.
Bulletin: A80
Catalog Number
Description
DHDLK
Handle kit
hAndLes
Attach to sides of enclosure to provide maximum operator control
when using a pendant arm, swivel or swivel tilt.
Bulletin: c2, cc1, cc2, Dec1, p1
Catalog Number
Description
Fits
ERCFH3U
132 mm
Desktop case
ERCFH4U
177 mm
Desktop case
ERCFH6U
266 mm
Desktop case
PUHKA
248 mm
PROLINE sloped fronts
PUHK
9.75 in.
PROLINE sloped fronts
Locking t hAndLe
Optional locking T-Handle available for replacement of the quarter-
turn latch (order separately).
Bulletin: t90R3
Catalog Number
Description
ALTC3R
Available for replacement of the quarter-turn latch



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com