Electronic Components Datasheet Search
  English  ▼

X  

AP9890 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # AP9890
Description  Pwr Cord Kit, 10A, 100-230V, 2, (5) C13 to C14
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AP9890 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  AP9890 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
© American Power Conversion Corp., all rights reserved
World Wide [
]
Change
Power Cords
Pwr Cord Kit, 10A, 100-230V, 2', (5) C13 to C14
AP9890
Email Technical Specifications
Printer Friendly
More Images
Standard Lead Time : Usually in Stock
APC Power Cords , Input: 120V, 208V, 230V , Input
Connections: IEC-320 C14 , Cord Length: 2 feet
( 0.61 meters ) , Output Connections: IEC 320 C13
Technical Specifications
Product Overview
Documentation
Compare Models
Output
Output Connections
(5) IEC 320 C13
Cord Length
0.61 meters
Input
Nominal Input Voltage
120V,208V,230V
Input Connections
IEC-320 C14
Cord Length
0.61 meters
Number of Power Cords
5
Physical
Net Weight
0.43 KG
Shipping Weight
0.55 KG
Shipping Height
76.00 mm
Shipping Width
203.00 mm
Shipping Depth
102.00 mm
Color
Black
Conformance
Regulatory Approvals
VDE
Standard Warranty
2 years repair or replace
ROHS/WEEE Compliance
RoHS 7b Exemption
Copyright
About APC
Investors
Job Seekers
Press
Feedback
Contact
Privacy Policy
Home
Products
Support
Services
Selectors
How to Buy


Similar Part No. - AP9890

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
AP9804 SCHNEIDER-AP9804 Datasheet
94Kb / 2P
UPS Communications Cable Smart Signalling 15` / 4.5m
Oct 17, 2021
AP9827 SCHNEIDER-AP9827 Datasheet
88Kb / 2P
UPS Communications Cable Simple Signalling - USB to RJ45
Sep 2, 2020
logo
Advanced Power Electron...
AP9870GH-HF A-POWER-AP9870GH-HF Datasheet
99Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
AP9870GH-HF A-POWER-AP9870GH-HF_14 Datasheet
99Kb / 4P
Simple Drive Requirement
AP9870GH-HF A-POWER-AP9870GH-HF_16 Datasheet
99Kb / 5P
Fast Switching Characteristic
More results

Similar Description - AP9890

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
P004-002 TRIPPLITE-P004-002 Datasheet
160Kb / 2P
C14 Male to C13 Female Power Cable, C13 to C14 PDU Style - 10A, 100??50V, 18 AWG, 2 ft., Black
P004-002-13LA TRIPPLITE-P004-002-13LA Datasheet
161Kb / 2P
C14 to Left-Angle C13 Computer Power Extension Cord, PDU Style - 10A, 100??50V, 18 AWG, 2 ft., Black
P004-002-ABL TRIPPLITE-P004-002-ABL Datasheet
178Kb / 3P
C14 Male to C13 Female Power Cable, C13 to C14 PDU Style - 10A, 250V, 18 AWG, 2 ft., Blue
P004-002-AGN TRIPPLITE-P004-002-AGN Datasheet
174Kb / 3P
C14 Male to C13 Female Power Cable, C13 to C14 PDU Style - 10A, 250V, 18 AWG, 2 ft., Green
P004-002-AOR TRIPPLITE-P004-002-AOR Datasheet
179Kb / 3P
C14 Male to C13 Female Power Cable, C13 to C14 PDU Style - 10A, 250V, 18 AWG, 2 ft., Orange
P004-002-ARD TRIPPLITE-P004-002-ARD Datasheet
180Kb / 3P
C14 Male to C13 Female Power Cable, C13 to C14 PDU Style - 10A, 250V, 18 AWG, 2 ft., Red
P004-002-AWH TRIPPLITE-P004-002-AWH Datasheet
166Kb / 3P
C14 Male to C13 Female Power Cable, C13 to C14 PDU Style - 10A, 250V, 18 AWG, 2 ft., White
P004-004-BL TRIPPLITE-P004-004-BL Datasheet
166Kb / 2P
C14 Male to C13 Female Power Cable, C13 to C14 PDU Style - 10A, 100??50V, 18 AWG, 4 ft., Blue
P004-L02 TRIPPLITE-P004-L02 Datasheet
165Kb / 3P
C14 Male to C13 Female Power Cable, C13 to C14 PDU-Style, Locking C13 Connector, 10A, 18 AWG, 2 ft.
logo
Schneider Electric
AP8704S-WW SCHNEIDER-AP8704S-WW Datasheet
131Kb / 2P
Power Cord Kit (6 ea), Locking, C13 to C14, 1.2m
Sep 2, 2020
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com