Electronic Components Datasheet Search
  English  ▼

X  

SST11LP12 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # SST11LP12
Description  4.9-5.8 GHz High-Linearity Power Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SST11LP12 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  SST11LP12 Datasheet HTML 1Page - List of Unclassifed Manufacturers SST11LP12 Datasheet HTML 2Page - List of Unclassifed Manufacturers SST11LP12 Datasheet HTML 3Page - List of Unclassifed Manufacturers SST11LP12 Datasheet HTML 4Page - List of Unclassifed Manufacturers SST11LP12 Datasheet HTML 5Page - List of Unclassifed Manufacturers SST11LP12 Datasheet HTML 6Page - List of Unclassifed Manufacturers SST11LP12 Datasheet HTML 7Page - List of Unclassifed Manufacturers SST11LP12 Datasheet HTML 8Page - List of Unclassifed Manufacturers SST11LP12 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Data Sheet
4.9-5.8 GHz High-Linearity Power Amplifier
SST11LP12
5
©2010 Silicon Storage Technology, Inc.
S71278-04-000
12/10
TABLE 3: AC Electrical Characteristics for Configuration1
Symbol
Parameter
Min
Typ
Max
Unit
FL-U
Frequency range
4.9
5.8
GHz
Linearity
Output power with <4% EVM at
54 Mbps OFDM signal when operating at 3.3V VCC
21
dBm
Output power level with 802.11a mask compliance
across 4.9-5.8 GHz
23
dBm
G
Gain over band (4.9-5.1 MHz)
33
dB
Gain over band (5.3-5.5 MHz)
31
dB
Gain over band (5.7-5.8 MHz)
27
dB
Det
Power detector output voltage range
0.5
2.0
V
Det_ref
Power detector output reference
0.5
0.6
V
2f, 3f, 4f, 5f
Harmonics at 22 dBm, without trapping capacitors
-50
dBc
T3.1 1278
1. Performance is only valid using the recommended schematic. VCC = 3.3V, VREG = 2.85, Temperature = 25ºC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com