Electronic Components Datasheet Search
  English  ▼

X  

ASF1430 Datasheet(PDF) 1 Page - Sensitron

Part # ASF1430
Description  Bidirectional Mass Flow Meter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSITRON [Sensitron]
Direct Link  http://www.sensitron.com
Logo SENSITRON - Sensitron

ASF1430 Datasheet(HTML) 1 Page - Sensitron

  ASF1430 Datasheet HTML 1Page - Sensitron ASF1430 Datasheet HTML 2Page - Sensitron ASF1430 Datasheet HTML 3Page - Sensitron ASF1430 Datasheet HTML 4Page - Sensitron ASF1430 Datasheet HTML 5Page - Sensitron ASF1430 Datasheet HTML 6Page - Sensitron ASF1430 Datasheet HTML 7Page - Sensitron ASF1430 Datasheet HTML 8Page - Sensitron ASF1430 Datasheet HTML 9Page - Sensitron  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
www.sensirion.com Sensirion AG, Laubisrütistrasse 50, CH-8712 Stäfa ZH, Switzerland, Phone: +41 44 306 40 00, Fax: +41 44 306 40 30
ASF1400
Bidirectional Mass Flow Meter
_ Unique dynamic range:
0.01 sccm – 400 sccm
_ Outstanding resolution and accuracy
_ Ultra fast response time
_ Hysteresis & offset free
_ Calibrated & temperature compensated
_ RS-232 and
ASF1400 Product Summary
The ASF1400 Mass Flow Meter enables extremely
accurate bidirectional measurement of gas flow over four
orders of magnitude. Its leading performance is based on
SENSIRION’s unsurpassed CMOSens® sensor technology.
With CMOSens®, the on-chip sensor element forms an
integrated whole with the amplification and A/D converter
circuit. This results in superior resolution, fast response
time and large dynamic range at lowest power
consumption.
All measurement data is fully calibrated and temperature
compensated by means of an internal microcontroller.
Mounted in rugged, chemically inert PBT housing the
ASF1400 is suitable for a wide range of applications. Such
include mass flow metering for process control, medical
applications, heating ventilation and air conditioning
(HVAC) solutions, as well as gas flow metrology.
The sensor housing provides two inlets for measuring the
gas flow and withstands overpressures of 2 bar (29 psi).
The ASF1400 requires a supply voltage of 7…18Vdc and
provides an RS-232 compliant electrical interface.
Version 2.2 / November
MASS FLOW
VOLTAGE
REGULATOR
MICRO
CONTROLLER
RS232 LINE
DRIVER/
RECEIVER
EEPROM
GND
VDD
/CS
MOSI
MISO
SCK
RxD
TxD
MASS FLOW
ASF1400 MASS FLOW METER
SPI
Interface
RS232
Interface
Power
Supply
CMOSens™ SENSOR CHIP
no longer
supported
Figure 1: Block Diagram ASF1400 Mass Flow Sensor with CMOSens® technology.


Similar Part No. - ASF1430

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor ...
ASF143 ASB-ASF143 Datasheet
464Kb / 9P
Gain Block Amplifier MMIC over DC ~1000MHz
February 2017
More results

Similar Description - ASF1430

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
AWM3150V SENSORTECHNICS-AWM3150V Datasheet
205Kb / 6P
Mass flow sensor for gases
logo
Omron Electronics LLC
D6F-03A3-000 OMRON-D6F-03A3-000 Datasheet
352Kb / 5P
MEMS Mass Flow Sensor
D6F-03A3-000 OMRON-D6F-03A3-000_10 Datasheet
231Kb / 4P
MEMS Mass Flow Sensor
D6F-P OMRON-D6F-P_10 Datasheet
688Kb / 6P
MEMS Mass Flow Sensor
logo
Magnetrol International...
TA2-A000-030 MAGNETROL-TA2-A000-030 Datasheet
1,009Kb / 16P
Thermatel짰 Enhanced Model TA2 Thermal Mass Flow Meter
logo
List of Unclassifed Man...
ASF1400 ETC2-ASF1400 Datasheet
272Kb / 9P
Bidirectional Mass Flow Meter
logo
MKS Instruments.
MC20A MKS-MC20A Datasheet
360Kb / 4P
ALTA HIGH FLOW THERMAL MASS FLOW CONTROLLERS
logo
Sensirion AG Switzerlan...
SFM3020 SENSIRION-SFM3020 Datasheet
975Kb / 7P
Analog Mass Flow Meter
Version 0.4
SFM3003-300-CET SENSIRION-SFM3003-300-CET Datasheet
1Mb / 16P
Digital Mass Flow Meter
Version 1.0 April 2022
SFM6000D SENSIRION-SFM6000D Datasheet
1Mb / 12P
Preliminary Datasheet SFC6000D Mass Flow Controller and SFM6000D Flow Meter
Jan 2023 - v. 0.1
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com